Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7189B Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 35Page - Analog Devices ADV7189B_15 Datasheet HTML 36Page - Analog Devices ADV7189B_15 Datasheet HTML 37Page - Analog Devices ADV7189B_15 Datasheet HTML 38Page - Analog Devices ADV7189B_15 Datasheet HTML 39Page - Analog Devices ADV7189B_15 Datasheet HTML 40Page - Analog Devices ADV7189B_15 Datasheet HTML 41Page - Analog Devices ADV7189B_15 Datasheet HTML 42Page - Analog Devices ADV7189B_15 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
ADV7189B
Rev. B | Page 39 of 104
BL_C_VBI Blank Chroma During VBI, Address 0x04[2]
Setting BL_C_VBI high, the Cr and Cb values of all VBI lines
are blanked. This is done so any data that may arrive during
VBI is not decoded as color and output through Cr and Cb.
As a result, it is possible to send VBI lines into the decoder,
then output them through an encoder again, undistorted.
Without this blanking, any wrongly decoded color is encoded
by the video encoder; therefore, the VBI lines are distorted.
Setting BL_C_VBI to 0 decodes and outputs color during VBI.
Setting BL_C_VBI to 1 (default) blanks Cr and Cb values
during VBI.
RANGE Range Selection, Address 0x04[0]
AV codes (as per ITU-R BT-656, formerly known as CCIR-656)
consist of a fixed header made up of 0xFF and 0x00 values.
These two values are reserved and are not to be used for active
video. Additionally, the ITU specifies that the nominal range
for video should be restricted to values between 16 and 235
for luma and 16 to 240 for chroma.
The RANGE bit allows the user to limit the range of values
output by the ADV7189B to the recommended value range.
This bit ensures the reserved values of 255d (0xFF) and 00d
(0x00) are not presented on the output pins unless they are
part of an AV code header.
Table 52. RANGE Function
RANGE
Description
0
16 ≤ Y ≤ 235
16 ≤ C/P ≤ 240
1 (default)
1 ≤ Y ≤ 254
1 ≤ C/P ≤ 254
AUTO_PDC_EN Automatic Programmed Delay Control,
Address 0x27[6]
Enabling the AUTO_PDC_EN function activates a function
within the ADV7189B that automatically programs the LTA[1:0]
and CTA[2:0] to have the chroma and luma data match delays
for all modes of operation. If set, manual registers LTA[1:0]
and CTA[2:0] are not used by the ADV7189B. If the automatic
mode is disabled (via setting the AUTO_PDC_EN bit to 0), the
values programmed into the LTA[1:0] and CTA[2:0] registers
become active.
When AUTO_PDC_EN is 0, the ADV7189B uses the LTA[1:0]
and CTA[2:0] values for delaying luma and chroma samples.
Refer to the
199H
LTA[1:0] Luma Timing Adjust, Address 0x27[1:0]
and the
200H
CTA[2:0] Chroma Timing Adjust, Address 0x27[5:3]
sections.
When AUTO_PDC_EN is 1 (default), the ADV7189B auto-
matically determines the LTA and CTA values to have luma
and chroma aligned at the output.
LTA[1:0] Luma Timing Adjust, Address 0x27[1:0]
The Luma Timing Adjust register allows the user to specify a
timing difference between chroma and luma samples.
Note there is a certain functionality overlap with the CTA[2:0]
register. For manual programming, use the following defaults:
•
CVBS input LTA[1:0] = 00
•
YC input LTA[1:0] = 01
•
YPrPb input LTA[1:0] = 01
Table 53. LTA Function
LTA[1:0]
Description
00 (default)
No delay.
01
Luma 1 CLK (37 ns) delayed.
10
Luma 2 CLK (74 ns) early.
11
Luma 1 CLK (37 ns) early.
CTA[2:0] Chroma Timing Adjust, Address 0x27[5:3]
The Chroma timing adjust register allows the user to specify a
timing difference between chroma and luma samples. This can
be used to compensate for external filter group delay differences
in the luma vs. chroma path, and to allow a different number of
pipeline delays while processing the video downstream. Review
this functionality together with the LTA[1:0] register.
The chroma can be delayed/advanced only in chroma pixel
steps. One chroma pixel step is equal to two luma pixels. The
programmable delay occurs after demodulation, where one can
no longer delay by luma pixel steps.
For manual programming, use the following defaults:
•
CVBS input CTA[2:0] = 011.
•
YC input CTA[2:0] = 101.
•
YPrPb input CTA[2:0] = 110.
Table 54. CTA Function
CTA[2:0]
Description
000
Not used.
001
Chroma + 2 chroma pixel (early).
010
Chroma + 1 chroma pixel (early).
011 (default)
No delay.
100
Chroma – 1 chroma pixel (late).
101
Chroma – 2 chroma pixel (late).
110
Chroma – 3 chroma pixel (late).
111
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com