Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP40N10LE Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP40N10LE
Description  40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP40N10LE Datasheet(HTML) 2 Page - Intersil Corporation

  RFP40N10LE Datasheet HTML 1Page - Intersil Corporation RFP40N10LE Datasheet HTML 2Page - Intersil Corporation RFP40N10LE Datasheet HTML 3Page - Intersil Corporation RFP40N10LE Datasheet HTML 4Page - Intersil Corporation RFP40N10LE Datasheet HTML 5Page - Intersil Corporation RFP40N10LE Datasheet HTML 6Page - Intersil Corporation RFP40N10LE Datasheet HTML 7Page - Intersil Corporation RFP40N10LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
RFG40N10LE, RFP40N10LE,
RF1S40N10LESM
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Gate to Source Voltage (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
40
Refer to Peak Current Curve
A
Single Pulse Avalanche Energy Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
1.00
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 13)
100
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 12)
1
-
3
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
10
µA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 40A, VGS = 5V
-
-
0.040
Ω
Turn-On Time
tON
VDD = 50V, ID = 40A, RL = 1.25Ω,
VGS = 5V, RGS = 2.5Ω
(Figures 10, 18, 19)
-
-
200
ns
Turn-On Delay Time
td(ON)
-22-
ns
Rise Time
tr
-
140
-
ns
Turn-Off Delay Time
td(OFF)
-70-
ns
Fall Time
tf
-65-
ns
Turn-Off Time
tOFF
-
-
165
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 80V,
ID = 40A,
RL = 2.0Ω
(Figures 20, 21)
-
145
180
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
85
105
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
3
4
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 14)
-
3000
-
pF
Output Capacitance
COSS
-
500
-
pF
Reverse Transfer Capacitance
CRSS
-
200
-
pF
Thermal Resistance Junction-to-Case
RθJC
All Packages
-
-
1.0
oC/W
Thermal Resistance Junction-to-Ambient
RθJA
TO-247
-
-
30
oC/W
TO-220AB and TO-263AB
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 40A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 40A, dISD/dt = 100A/µs
-
-
205
ns
NOTES:
2. Pulse test: pulse width
≤ 80µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
RFG40N10LE, RFP40N10LE, RF1S40N10LESM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com