Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB820FCT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # SB820FCT
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB820FCT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  SB820FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB820FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB820FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SB820FCT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.03 20140325
SB820FCT~SB8100FCT
DEVICE CHARACTERISTICS
INSTANTANEOUS
FOR WARD VOLTAGE,VOLTS
CASE TEMPERATURE, C
O
0
150
1.0
8.0
6.0
4.0
2.0
0
.4
.5
.6
.7
.8.91 .0 1.
1
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
0
100
200
300
10
1.0
0.1
0.01
0.001
T= 100 C
C
O
T= 75 C
C
O
T= 25 C
C
O
REVERSE VOLTAGE,VOLTS
1
2
5 10 20
50 100
400
350
300
250
200
150
0
200 500
NO.OFCYCLE A T 60HZ
150
130
110
90
70
50
30
20
10
12
5
10
20
50
100
80V~100V
50V~60V
20V~40V
PERCENT OF RATED PEAK
REVERSE VOLTAGE, %
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.4-TYPICAL JUNCTION CAPACITANCE
Fig.3-TYPICAL REVERSE
CHARACTERISTICS
Fig.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTIC
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com