Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7341 Datasheet(PDF) 86 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 82Page - Analog Devices ADV7341_15 Datasheet HTML 83Page - Analog Devices ADV7341_15 Datasheet HTML 84Page - Analog Devices ADV7341_15 Datasheet HTML 85Page - Analog Devices ADV7341_15 Datasheet HTML 86Page - Analog Devices ADV7341_15 Datasheet HTML 87Page - Analog Devices ADV7341_15 Datasheet HTML 88Page - Analog Devices ADV7341_15 Datasheet HTML 89Page - Analog Devices ADV7341_15 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 86 of 108
Mode 1—Master Option (Subaddress 0x8A = X X X X X 0 1 1)
In this mode, the ADV7340/ADV7341 can generate horizontal sync and odd/even field signals. When HSYNC is low, a transition of the
field input indicates a new frame, that is, vertical retrace. The ADV7340/ADV7341 automatically blank all normally blank lines as
required by the CCIR-624 standard. Pixel data is latched on the rising clock edge following the timing signal transitions. HSYNC and
FIELD are output on the S_HSYNC and S_VSYNC pins, respectively.
Figure 105. SD Timing Mode 1, Odd/Even Field Transitions (Master/Slave)
Mode 2— Slave Option (Subaddress 0x8A = X X X X X 1 0 0)
In this mode, the ADV7340/ADV7341 accept horizontal and vertical sync signals. A coincident low transition of both HSYNC and VSYNC
inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The
ADV7340/ADV7341 automatically blank all normally blank lines as required by the CCIR-624 standard. HSYNC and VSYNC are input
on the S_HSYNC and S_VSYNC pins, respectively.
Figure 106. SD Slave Mode 2, NTSC
FIELD
PIXEL
DATA
Cb
Y
Cr
Y
HSYNC
PAL = 132 × CLOCK/2
NTSC = 122 × CLOCK/2
522
523
524
525
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
5
7
6
4
3
2
1
8
HSYNC
VSYNC
HSYNC
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com