Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW52C3V3 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DW52C3V3
Description  Plastic-Encapsulate Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DW52C3V3 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DW52C3V3 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DW52C3V3 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH DW52C3V3 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
DW52CXXX Series
100 mW,
WBFBP-02C
Plastic-Encapsulate Zener Diodes
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
15-May-2014 Rev. B
Page 2 of 3
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum
Reverse Leakage
Current
1
VZ@ IZT
IZT
ZZT @ IZT ZZX @ IZX
IZK
IR
VR
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
@IZTC = 5mA
mV/°C
Test
Current
Type Number MARKING
Min(V)
Nom(V) Max(V)
mA
Ω
mA
μA
V
Min.
Max.
mA
DW52C2V4
WX
2.2
2.4
2.6
5
100
600
1
50
1
-3.5
0
5
DW52C2V7
W1
2.5
2.7
2.9
5
100
600
1
20
1
-3.5
0
5
DW52C3V0
W2
2.8
3
3.2
5
95
600
1
10
1
-3.5
0
5
DW52C3V3
W3
3.1
3.3
3.5
5
95
600
1
5
1
-3.5
0
5
DW52C3V6
W4
3.4
3.6
3.8
5
90
600
1
5
1
-3.5
0
5
DW52C3V9
W5
3.7
3.9
4.1
5
90
600
1
3
1
-3.5
0
5
DW52C4V3
W6
4
4.3
4.6
5
90
600
1
3
1
-3.5
0
5
DW52C4V7
W7
4.4
4.7
5
5
80
500
1
3
2
-3.5
0.2
5
DW52C5V1
9Y
4.8
5.1
5.4
5
60
480
1
2
2
-2.7
1.2
5
DW52C5V6
9A
5.2
5.6
6
5
40
400
1
1
2
-2
2.5
5
DW52C6V2
9B
5.8
6.2
6.6
5
10
150
1
3
4
0.4
3.7
5
DW52C6V8
9C
6.4
6.8
7.2
5
15
80
1
2
4
1.2
4.5
5
DW52C7V5
9D
7
7.5
7.9
5
15
80
1
1
5
2.5
5.3
5
DW52C8V2
9E
7.7
8.2
8.7
5
15
80
1
0.7
5
3.2
6.2
5
DW52C9V1
9F
8.5
9.1
9.6
5
15
100
1
0.5
6
3.8
7
5
DW52C10V
9G
9.4
10
10.6
5
20
150
1
0.2
7
4.5
8
5
DW52C11V
9H
10.4
11
11.6
5
20
150
1
0.1
8
5.4
9
5
DW52C12V
9J
11.4
12
12.7
5
25
150
1
0.1
8
6
10
5
DW52C13V
9K
12.4
13
14.1
5
30
170
1
0.1
8
7
11
5
DW52C15V
9L
13.8
15
15.6
5
30
200
1
0.1
10.5
9.2
13
5
DW52C16V
9M
15.3
16
17.1
5
40
200
1
0.1
11.2
10.4
14
5
DW52C18V
9N
16.8
18
19.1
5
45
225
1
0.1
12.6
12.4
16
5
DW52C20V
9P
18.8
20
21.2
5
55
225
1
0.1
14
14.4
18
5
DW52C22V
9R
20.8
22
23.3
5
55
250
1
0.1
15.4
16.4
20
5
DW52C24V
9S
22.8
24
25.6
5
70
250
1
0.1
16.8
18.4
22
5
DW52C36V
9W
34
36
38
2
90
350
0.5
0.1
25.2
36.5
45.5
5
DW52C39V
9X
37
39
41
2
130
350
0.5
0.1
27.3
36.8
49.8
5
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com