Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW52C6V2 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DW52C6V2
Description  Plastic-Encapsulate Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DW52C6V2 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DW52C6V2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DW52C6V2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH DW52C6V2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
DW52CXXX Series
100 mW,
WBFBP-02C
Plastic-Encapsulate Zener Diodes
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
15-May-2014 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ultra-Small Leadless Surface Mount Package
Ideally Suited fou Automated Assembly Processes
PACKAGING INFORMATION
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Forward Voltage
1 @IF=10mA
VF
0.9
V
Power Dissipation
PD
100
mW
Thermal Resistance Junction to Ambient Air
RθJA
1250
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
Note:
1. Short duration pulse test used to minimize self-heating effect.
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
WBFBP-02C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.950
1.050
G
0.275
0.325
B
0.550
0.650
H
0.275
0.325
C
0.450
0.550
J
0.275
0.325
D
0.450 REF.
K
0.675
0.725
E
0.400 REF.
L
0.010
0.070
F
0.275
0.325
M
0.010 REF.
-
+
A
C
B
F
M
M
G
J
H
K
E
D
L


Similar Part No. - DW52C6V2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DW52C6V2 SECOS-DW52C6V2 Datasheet
329Kb / 3P
100 mW, WBFBP-02C Plastic-Encapsulate Zener Diodes
logo
Jiangsu Changjiang Elec...
DW52C6V2LED02 JIANGSU-DW52C6V2LED02 Datasheet
1Mb / 5P
ZENER DIODE
More results

Similar Description - DW52C6V2

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
1SMAF47XXA UNSEMI-1SMAF47XXA Datasheet
2Mb / 5P
SMAF Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZT52BXX UNSEMI-BZT52BXX Datasheet
2Mb / 6P
SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZT52BXXS UNSEMI-BZT52BXXS Datasheet
2Mb / 6P
SOD-323 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZT52CXX UNSEMI-BZT52CXX Datasheet
2Mb / 6P
SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZT52CXXS UNSEMI-BZT52CXXS Datasheet
2Mb / 7P
SOD-323 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX584BXX UNSEMI-BZX584BXX Datasheet
2Mb / 6P
SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX584CXX UNSEMI-BZX584CXX Datasheet
3Mb / 7P
SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX84CXX UNSEMI-BZX84CXX Datasheet
3Mb / 7P
SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
MMSZ52XXB UNSEMI-MMSZ52XXB Datasheet
2Mb / 6P
SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com