Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFW2N06RLE Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFW2N06RLE
Description  2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFW2N06RLE Datasheet(HTML) 2 Page - Intersil Corporation

  RFW2N06RLE Datasheet HTML 1Page - Intersil Corporation RFW2N06RLE Datasheet HTML 2Page - Intersil Corporation RFW2N06RLE Datasheet HTML 3Page - Intersil Corporation RFW2N06RLE Datasheet HTML 4Page - Intersil Corporation RFW2N06RLE Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6-284
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFW2N06RLE
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
60
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
2
14
A
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
-5 to 10
V
Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
1.09
W
Linear Derating Factor (Figure 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.009
W/oC
Single Pulse Avalanche Energy Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Electrostatic Discharge Rating, MIL-STD-883, Catagory B(2). . . . . . . . . . . . . . . . . . . . . . . .ESD
2
KV
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID =250µA, VGS = 0V
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
1
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V
TC = 125
oC
--
25
µA
Gate to Source Leakage Current
IGSS
VGS =-5V to 10V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 2A, VGS = 5V (Figure 8)
-
-
160
m
Ω
ID = 2A, VGS = 4.3V (Figure 8)
-
-
200
m
Ω
Turn-On Time
t(ON)
VDD = 30V, ID = 2A, RL = 15Ω, VGS = 5V,
RG = 25Ω (Figures 12, 13, 14)
-
-
100
ns
Turn-On Delay Time
td(ON)
-13-
ns
Rise Time
tr
-42-
ns
Turn-Off Delay Time
td(OFF)
-95-
ns
Fall Time
tf
-45-
ns
Turn-Off Time
t(OFF)
-
200
ns
Total Gate Charge
Qg(TOT)
VGS = 0 to 10V
VDD = 48V, ID = 2A,
IG(REF) =0.5mA,
RL = 24Ω
(Figures 12, 15, 16)
-20
30
nC
Gate Charge at 5V
Qg(5)
VGS = 0 to 5V
-
11
16
nC
Threshold Gate Charge
Qg(TH)
VGS = 0 to 1V
-
0.6
1.0
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 11)
-
535
-
pF
Output Capacitance
COSS
-
175
-
pF
Reverse Transfer Capacitance
CRSS
-32-
pF
Thermal Resistance, Junction to Ambient
RθJA
-
-
115
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 2A
-
-
1.2
V
Reverse Recovery Time
trr
ISD = 2A, dlSD/dt = 100A/µs
-
-
200
ns
NOTES:
2. Pulse test: width
≤ 300µs duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFW2N06RLE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com