Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55C2V0 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT55C2V0
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT55C2V0 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT55C2V0 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT55C2V0 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT55C2V0 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
ZENER DIODES
BZT55C2V0~BZT55C36
■
Electrical Characteristics Ta = 25℃
Type No.
Vz(V) 1st
Vz(V) 2nd
Iz
(mA)
If
(mA)
Vf(V)
Ir(μA)
Zzt(Ohms)
2nd
Zzk(Ohms)
2nd
Zzt(Ohms)
1st
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Vr(V)
Limit
Izt
(mA)
Limit
Izk
(mA)
Limit
Izt
(mA)
Limit
BZT55C2V0
1.92
2.08
1.91
2.09
5.0
100
0.2
1.0
1.0
50
5.0
100
1.0
1000
5.0
98
BZT55C2V2
2.11
2.29
2.10
2.30
5.0
100
0.2
1.0
1.0
50
5.0
85
1.0
600
5.0
83
BZT55C2V4
2.30
2.54
2.29
2.55
5.0
100
0.2
1.0
1.0
50
5.0
85
1.0
600
5.0
83
BZT55C2V7
2.52
2.88
2.51
2.89
5.0
100
0.2
1.0
1.0
10
5.0
85
1.0
600
5.0
83
BZT55C3V0
2.82
3.17
2.81
3.19
5.0
100
0.2
1.0
1.0
4
5.0
85
1.0
600
5.0
83
BZT55C3V3
3.12
3.48
3.11
3.49
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C3V6
3.42
3.78
3.41
3.79
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C3V9
3.72
4.08
3.71
4.09
5.0
100
0.2
1.0
1.0
2
5.0
85
1.0
600
5.0
83
BZT55C4V3
4.02
4.57
4.01
4.59
5.0
100
0.2
1.0
1.0
1
5.0
75
1.0
600
5.0
73
BZT55C4V7
4.43
4.97
4.41
4.99
5.0
100
0.2
1.0
1.0
0.5
5.0
60
1.0
600
5.0
58
BZT55C5V1
4.83
5.37
4.81
5.38
5.0
100
0.2
1.0
1.0
0.1
5.0
35
1.0
550
5.0
33
BZT55C5V6
5.23
5.96
5.22
5.98
5.0
100
0.2
1.0
1.0
0.1
5.0
25
1.0
450
5.0
23
BZT55C6V2
5.83
6.56
5.82
6.58
5.0
100
0.2
1.0
2.0
0.1
5.0
10
1.0
200
5.0
8
BZT55C6V8
6.44
7.16
6.42
7.18
5.0
100
0.2
1.0
3.0
0.1
5.0
8
1.0
150
5.0
6
BZT55C7V5
7.04
7.85
7.02
7.88
5.0
100
0.2
1.0
5.0
0.1
5.0
7
1.0
50
5.0
5
BZT55C8V2
7.75
8.65
7.72
8.67
5.0
100
0.2
1.0
6.0
0.1
5.0
7
1.0
50
5.0
5
BZT55C9V1
8.55
9.54
8.53
9.57
5.0
100
0.2
1.0
7.0
0.1
5.0
10
1.0
50
5.0
8
BZT55C10
9.46
10.54
9.43
10.57
5.0
100
0.2
1.0
7.5
0.1
5.0
15
1.0
70
5.0
13
BZT55C11
10.44
11.55
10.42
11.58
5.0
100
0.2
1.0
8.5
0.1
5.0
20
1.0
70
5.0
18
BZT55C12
11.45
12.65
11.42
12.67
5.0
100
0.2
1.0
9.0
0.1
5.0
20
1.0
90
5.0
18
BZT55C13
12.45
14.04
12.42
14.07
5.0
100
0.2
1.0
10.0
0.1
5.0
26
1.0
110
5.0
24
BZT55C14
13.35
14.64
13.33
14.67
5.0
100
0.2
1.0
10.0
0.1
5.0
28
1.0
100
5.0
26
BZT55C15
13.86
15.54
13.83
15.57
5.0
100
0.2
1.0
11.0
0.1
5.0
30
1.0
110
5.0
28
BZT55C16
15.36
17.03
15.33
17.07
5.0
100
0.2
1.0
12.0
0.1
5.0
40
1.0
170
5.0
38
BZT55C18
16.87
19.02
16.83
19.06
5.0
100
0.2
1.0
14.0
0.1
5.0
50
1.0
170
5.0
48
BZT55C20
18.88
21.12
18.84
21.16
5.0
100
0.2
1.0
15.0
0.1
5.0
55
1.0
220
5.0
53
BZT55C22
20.88
23.21
20.84
23.25
5.0
100
0.2
1.0
17.0
0.1
5.0
55
1.0
220
5.0
53
BZT55C24
22.89
25.50
22.85
25.55
5.0
100
0.2
1.0
18.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C27
25.20
28.78
25.15
28.84
5.0
100
0.2
1.0
20.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C30
28.11
31.87
28.06
31.94
5.0
100
0.2
1.0
22.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C33
31.12
34.86
31.06
34.93
5.0
100
0.2
1.0
24.0
0.1
5.0
80
1.0
220
5.0
78
BZT55C36
34.14
37.85
34.07
37.92
5.0
100
0.2
1.0
27.0
0.1
5.0
80
1.0
220
5.0
78



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com