Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8002 Datasheet(PDF) 29 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 29 Page - NEC

Back Button UPC8002 Datasheet HTML 24Page - NEC UPC8002 Datasheet HTML 25Page - NEC UPC8002 Datasheet HTML 26Page - NEC UPC8002 Datasheet HTML 27Page - NEC UPC8002 Datasheet HTML 28Page - NEC UPC8002 Datasheet HTML 29Page - NEC UPC8002 Datasheet HTML 30Page - NEC UPC8002 Datasheet HTML 31Page - NEC UPC8002 Datasheet HTML 32Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
µPC8002
29
10. PACKAGE DRAWINGS
20 PIN PLASTIC SHRINK SOP (225mil)
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
7.00 MAX.
0.65 (T.P.)
1.45 MAX.
1.15±0.1
6.4±0.2
0.575 MAX.
K
0.10
1.0±0.2
4.4±0.1
0.15
M
0.22
0.1±0.1
0.276 MAX.
0.023 MAX.
0.009
0.004±0.004
0.057 MAX.
0.045
0.252±0.008
0.173
0.039
0.006
0.004
0.026 (T.P.)
P20GR-65-225C-1
P3˚
3˚
+0.10
–0.05
20
detail of lead end
C
M M
N
L
11
110
A
D
B
H
I
J
+0.004
–0.003
+0.005
–0.004
+0.005
–0.004
+0.009
–0.008
+0.10
–0.05
+0.004
–0.002
L
0.5±0.2
0.020+0.008
–0.009
0.10
N
0.004
+7˚
–3˚
+7˚
–3˚
NOTE
Each lead centerline is located within 0.10 mm (0.004 inch) of
its true position (T.P.) at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com