Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8102T Datasheet(PDF) 1 Page - NEC

Part # UPC8102T
Description  RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8102T Datasheet(HTML) 1 Page - NEC

  UPC8102T Datasheet HTML 1Page - NEC UPC8102T Datasheet HTML 2Page - NEC UPC8102T Datasheet HTML 3Page - NEC UPC8102T Datasheet HTML 4Page - NEC UPC8102T Datasheet HTML 5Page - NEC UPC8102T Datasheet HTML 6Page - NEC UPC8102T Datasheet HTML 7Page - NEC UPC8102T Datasheet HTML 8Page - NEC UPC8102T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
1996
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8102T
DESCRIPTION
µPC8102T is a silicon monolisic integrated circuit designed as RF amplifier for 150 MHz to 330 MHz pager system.
Due to 1 V supply voltage, this IC is suitable for low voltage pager system. The package is a 6 pin mini mold suitable
for high-density surface mounting.
This IC is manufactured using NEC’s 20 GHz fT NESATTM III silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials contribute excellent DC, AC performance. Thus, this
process is utilized for 1 V voltage IC.
FEATURES
•
1 V supply voltage: VCC = 0.9 V to 2.0 V
•
Low noise figure: 2.3 dBTYP. @ fin = 150 MHz (with external matching circuit to optimize NF)
•
Low current consumption: ICC = 0.5 mATYP. @ VCC = 1.0 V
•
Gain available frequency:
fRF = 150 MHz to 330 MHz (with external matching circuit)
•
High-density surface mounting: 6 pin mini mold
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING
SUPPLYING FORM
µPC8102T-E3
6 pin mini mold
C2B
Embossed tape 8 mm wide. Pin 1, 2, 3 face to
perforation side of tape. QTY 3 kp/Reel
* For evaluation sample order, please contact your local NEC sales office.
(Order number:
µPC8102T).
PIN CONNECTIONS
3
2
1
4
5
6
(Top View)
(Bottom View)
4
5
6
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: VCC
5: C1
6: C2
Caution Electro-static sensitive devices
RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
Document No. P11501EJ2V0DS00
(Previous No. ID-3534)
Date Published May 1996 P
Printed in Japan


Similar Part No. - UPC8102T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8102T RENESAS-UPC8102T Datasheet
265Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC8102T-E3 RENESAS-UPC8102T-E3 Datasheet
265Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results

Similar Description - UPC8102T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8103T NEC-UPC8103T Datasheet
162Kb / 26P
MIXER OSCILLATOR IC FOR PAGER SYSTEM
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Communications & Power ...
4CW10-000A CPI-4CW10-000A Datasheet
93Kb / 1P
RF amplifier to 30 MHz
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
LM1203A 150 MHz RGB Video Amplifier System
logo
TAI-SAW TECHNOLOGY CO.,...
TA147FD TAI-SAW-TA147FD Datasheet
302Kb / 5P
SAW Filter 147 MHz For Pager
TA229E1 TAI-SAW-TA229E1 Datasheet
731Kb / 4P
SAW Filter 229.5 MHz For Pager
TA284GC TAI-SAW-TA284GC Datasheet
251Kb / 5P
SAW Filter 284 MHz For Pager
logo
B&K Precision Corporati...
2005B BK-2005B Datasheet
605Kb / 1P
150 MHz RF Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com