Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C400G Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE25C400G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400G Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE25C400G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ACE25C400G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
16
Quad Output Fast Read (6BH)
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte,
each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out
4-bit per clock cycle from IO3, IO2, IO1 and IO0. The command sequence is shown in followed
Figure9. The first byte addressed can be at any location. The address is automatically incremented to
the next higher address after each byte of data is shifted out.
Figure9. Quad Output Fast Read Sequence Diagram
Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the
capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by
SI and SO, each bit being latched in during the rising edge of SCLK, then the memory contents are
shifted out 2-bit per clock cycle from SI and SO. The command sequence is shown in followed
Figure10. The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com