Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS101A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LS101A
Description  30mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LS101A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LS101A Datasheet HTML 1Page - SUNMATE electronic Co., LTD LS101A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-80 Glass case
30mA Surface Mount Schottky Barrier Diode
1 of 2
Features
·
·
·
Features
·
Mechanical Data
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
·
SOD-80
·
·
Case:
·
·
·
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Low forward voltage drop
Low leakage current
Low capacitance
Integrated protection ring against static
discharge
and WEEE 2002/96/EC
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
LS101A
VR
60
V
LS101B
VR
50
V
LS101C
VR
40
V
Peak forward surge current
tp = 10 µs
IFSM
2A
Repetitive peak forward current
IFRM
150
mA
Forward continuous current
IF
30
mA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
LS101A
V(BR)R
60
V
LS101B
V(BR)R
50
V
LS101C
V(BR)R
40
V
Leakage current
VR = 50 V
LS101A
IR
200
nA
VR = 40 V
LS101B
IR
200
nA
VR = 30 V
LS101C
IR
200
nA
Forward voltage drop
IF = 1 mA
LS101A
VF
410
mV
LS101B
VF
400
mV
LS101C
VF
390
mV
IF = 15 mA
LS101A
VF
1000
mV
LS101B
VF
950
mV
LS101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
LS101A
CD
2.0
pF
LS101B
CD
2.1
pF
LS101C
CD
2.2
pF
1S101A-LS101C


Similar Part No. - LS101A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS101A VISHAY-LS101A Datasheet
151Kb / 4P
Small Signal Schottky Barrier Diodes
13-Apr-04
LS101A VISHAY-LS101A Datasheet
167Kb / 5P
Small Signal Schottky Diodes
21-Mar-06
logo
GOOD-ARK Electronics
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
LS101A VISHAY-LS101A Datasheet
227Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
LS101A VISHAY-LS101A Datasheet
192Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
More results

Similar Description - LS101A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
30V , 30mA Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
ASD751V FRONTIER-ASD751V Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SUNMATE electronic Co.,...
BAS81 SUNMATE-BAS81 Datasheet
229Kb / 2P
30mA Surface Mount Schottky Barrier Diode
LL101A SUNMATE-LL101A Datasheet
390Kb / 2P
30mA Surface Mount Schottky Barrier Diode
MCL101A SUNMATE-MCL101A Datasheet
147Kb / 2P
30mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com