Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8101 Datasheet(PDF) 1 Page - NEC

Part # UPC8101
Description  150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 1 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
INTERNAL BLOCK DIAGRAM
PRELIMINARY DATA SHEET
3 V, SILICON MMIC 150 MHz
QUADRATURE MODULATOR
UPC8101GR
ELECTRICAL CHARACTERISTICS (TA = 25°C, LO PIN = -10 dBm, VENABLE ⊕1.8 V, ZL = 50 Ω)
•
OPERATING FREQUENCY: 50 to 150 MHz
•
I/Q INPUT FREQUENCY RANGE: DC to 500 kHz
•
DIGITAL 90
° PHASE SHIFTER
•
ALLOWABLE BIAS VOLTAGE: 2.7 to 5.5 V
•
POWER SAVE: "SLEEP" MODE
•
SMALL SIZE SSOP20 SURFACE MOUNT PACKAGE
•
TAPE AND REEL PACKAGING OPTION AVAILABLE
DESCRIPTION
The UPC8101GR is a Silicon Monolithic Integrated Circuit
(MMIC) which is manufactured using NEC's 20 GHz fT NESAT
III process. The Quadrature Modulator was designed for
digital mobile communications in general, and the CT2 band
requirements in particular. Operating on DC bias voltages as
low as 2.7 volts, this IC is ideal for handheld/portable designs.
The UPC8101GR takes an external LO signal, and digitally
divides its frequency by two to generate the quadrature LO
required for the dual internal mixer circuits. These mixers also
receive external in-phase (I) and quadrature (Q) signals. The
up-converted outputs of the mixers are combined in a differ-
ential output amplifier. The resultant output signal is at fre-
quency of fLO/2 + fI/Q. Buffers are provided at the LO, I and Q
inputs, and filtering is provided between the digital frequency
divider and the mixers. The device can be powered down by
grounding the Enable pin.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F/F
270˚
180˚
90˚
0˚
LPF
LPF
REG.
1. LOCAL IN
2. LOCAL IN
3. GND
4. Q-BIAS
5. Q-BIAS
6. GND
7. Q-INPUT
8. Q-INPUT
9. GND
10. IF OUTPUT
11. VCC
12. VENABLE
13. I-INPUT
14. I-INPUT
15. GND
16. I-BIAS
17. I-BIAS
18. GND
19. N.C.
20. GND
Note:
1. fLO = 300.1 MHz, fI/Q = 36 kHz at VCC/2 + 1 Vp-p.
Note: N.C. = No Connection
PART NUMBER
UPC8101GR
PACKAGE OUTLINE
S20 (SSOP 20)
VCC = 2.7 V
VCC = 5.5 V
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Circuit Current
mA
10
15
22
17
24.5
32
VENABLE
≤ 1.0 V
mA
0.33
0.4
1.05
1.2
PSAT
Saturated Output Power
dBm
-16
-11
-8
-13
-8
-5
LOLEAK
LO Leakage at IF Port (fLO/2)
dBm
-49
-37
-39
-28
IM REJ
Image Rejection at IF Port (fLO/2 - f I/Q)1
dBc
28.5
37
28.5
38
IM3
Third Order Intermodulation Distortion1
dBc
37
56
ZI/Q
I/Q Port Input Impedance
K
Ω
500
1000
500
700
RLLO
LO Port Return Loss
dB
26
26
RLIF
IF Port Return Loss
dB
21
21
τ
Power Enable Response Time
Turn on
µsec
15
15
Turn off
µsec
13
13
VENABLE
Power Enable Control Voltage
On
V
1.8
5.5
1.8
5.5
Off
V
1.0
1.0
California Eastern Laboratories


Similar Part No. - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101 NEC-UPC8101 Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8101

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
43Kb / 3P
3 V, SILICON MMIC 150 MHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com