Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5801 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5801
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5801 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5801_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5801_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5801_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5801_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5801_14 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE5801
P-Channel Power MOSFET
VER 1.2
2
Ordering information
ACE5801 XX + H
Electrical Characteristics (TA=25 OC unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-12
V
Zero Gate Voltage Drain Current
IDSS
VDS=-12V, VGS=0V
-1
uA
Gate-Body Leakage Current
IGSS
VGS=±8V, VDS=0V
±100
nA
On characteristics (note 5)
Drain-Source On-state Resistance
RDS(ON)
VGS=-4.5V, ID=-6.7A
21
m
Ω
VGS=-2.5V, ID=-6.2A
27
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.4
-0.7
-1
V
Forward Transconductance
gFS
VDS=-10V, ID=-6.7A
40
S
Dynamic characteristics (note 6)
Input Capacitance
Ciss
VDS=-10V, VGS=0V
f=1 MHz
2700
pF
Output Capacitance
Coss
680
Reverse Transfer Capacitance
Crss
590
Total Gate Charge
Qg
VDS=-6V, VGS=-8V,
ID=-10A
60
100
nC
VDS=-6V, VGS=-4.5V,
ID=-10A
35
48
Gate-Source Charge
Qgs
5
Gate-Drain Charge
Qgd
10
Drain-source diode characteristics
Diode Forward Current (note 5)
IS
-16
A
Diode Forward Voltage (note 4)
VSD
IS=-1.6A,VGS=0V
-0.5
-1.2
V
Note:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. This test is performed with no heat sink at Ta=25℃.
3. This test is performed with infinite heat sink at Tc=25℃.
4. Surface mounted on FR4 board, t≤10S.
5. Pulse Test: Pulse With ≤300μs,Duty Cycle≤2%.
6. Guaranteed by design, not subject to production testing.
LN : DFNWB2*2-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com