Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1978 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SA1978 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button 2SA1978 Datasheet HTML 2Page - California Eastern Labs 2SA1978 Datasheet HTML 3Page - California Eastern Labs 2SA1978 Datasheet HTML 4Page - California Eastern Labs 2SA1978 Datasheet HTML 5Page - California Eastern Labs 2SA1978 Datasheet HTML 6Page - California Eastern Labs 2SA1978 Datasheet HTML 7Page - California Eastern Labs 2SA1978 Datasheet HTML 8Page - California Eastern Labs 2SA1978 Datasheet HTML 9Page - California Eastern Labs 2SA1978 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
S-PARAMETER
(VCE = 1 V, IC = 5 mA, Zo = 50 Ω)
f
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.527
−
47.1
10.5
149.
0.0359
70.6
0.881
−
21.1
200
0.468
−
83.4
8.37
128.
0.0584
58.7
0.716
−
34.2
300
0.427
−
109
6.63
114.
0.0729
53.6
0.586
−
40.9
400
0.407
−
128
5.36
104.
0.0835
52.1
0.503
−
44.3
500
0.393
−
143
4.46
96.6
0.0930
52.1
0.443
−
45.8
600
0.388
−
154
3.82
90.2
0.100
53.1
0.401
−
46.7
700
0.386
−
164
3.34
84.9
0.109
53.3
0.373
−
47.7
800
0.388
−
172
2.96
80.1
0.118
54.4
0.351
−
49.1
900
0.392
−
179
2.67
75.8
0.128
55.6
0.332
−
50.1
1000
0.394
174
2.43
71.6
0.137
56.4
0.319
−
51.4
1100
0.399
169
2.24
68.1
0.147
56.9
0.306
−
53.2
1200
0.405
163
2.07
64.6
0.158
57.2
0.298
−
54.5
1300
0.410
159
1.93
61.3
0.168
57.6
0.289
−
57.0
1400
0.416
154
1.81
58.0
0.179
57.7
0.280
−
59.3
1500
0.422
150
1.71
54.9
0.190
57.7
0.274
−
61.2
1600
0.431
147
1.62
52.0
0.201
57.7
0.267
−
64.4
1700
0.438
143
1.54
49.3
0.213
57.5
0.262
−
66.7
1800
0.445
140
1.47
46.6
0.224
57.2
0.259
−
70.3
1900
0.451
136
1.41
44.1
0.236
56.8
0.252
−
73.6
2000
0.460
133
1.35
41.5
0.248
56.3
0.247
−
76.3
2100
0.465
130
1.30
39.2
0.261
55.7
0.243
−
80.2
2200
0.473
127
1.26
36.9
0.273
55.1
0.239
−
84.4
2300
0.481
125
1.21
34.8
0.286
54.3
0.234
−
87.2
2400
0.487
122
1.17
32.5
0.299
53.3
0.235
−
91.9
2500
0.493
119
1.14
30.6
0.312
52.6
0.230
−
95.9
NE97833 / 2SA1978



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com