Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3585 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC3585
Description  MICROWAVE LOW NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3585 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC3585 Datasheet HTML 1Page - California Eastern Labs 2SC3585 Datasheet HTML 2Page - California Eastern Labs 2SC3585 Datasheet HTML 3Page - California Eastern Labs 2SC3585 Datasheet HTML 4Page - California Eastern Labs 2SC3585 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
( R––––Z
O
)
ENT
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
4
0
8
12
16 20
S21e
0.2 GHz
0.2 GHz
1.0 GHz
1.0 GHz
2.0 GHz
2.0 GHz
IC = 3 mA
IC = 10 mA
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
0.04
0
0.08 0.12 0.16 0.20
S12e
2.0 GHz
IC = 10 mA
IC = 3 mA
S12e-FREQUENCY
VCE = 6 V
200 MHz Step
CONDITION
VCE = 6 V
CONDITION
VCE = 6 V
CONDITION
2.0 GHz
2.0 GHz
0.2 GHz
0.2 GHz
IC = 3 mA
S11e
S22e
S22e
IC = 10 mA
0.2 GHz
NE68030 / 2SC3585



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com