Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4228 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC4228
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4228 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC4228 Datasheet HTML 1Page - California Eastern Labs 2SC4228 Datasheet HTML 2Page - California Eastern Labs 2SC4228 Datasheet HTML 3Page - California Eastern Labs 2SC4228 Datasheet HTML 4Page - California Eastern Labs 2SC4228 Datasheet HTML 5Page - California Eastern Labs 2SC4228 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PU10452EJ01V0DS
4
VCE = 3 V
IC = 5 mA
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY
25
20
15
10
5
0
0.1
0.2
0.5
1
2
5
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
12
8
0
4
0.5
5
10
0
5
1
5
0
4
3
2
1
0.5
1
5
10
50
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 3 V
f = 2 GHz
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
NE68030 / 2SC4228



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com