Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5509 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5509 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC5509 Datasheet HTML 1Page - California Eastern Labs 2SC5509 Datasheet HTML 2Page - California Eastern Labs 2SC5509 Datasheet HTML 3Page - California Eastern Labs 2SC5509 Datasheet HTML 4Page - California Eastern Labs 2SC5509 Datasheet HTML 5Page - California Eastern Labs 2SC5509 Datasheet HTML 6Page - California Eastern Labs 2SC5509 Datasheet HTML 7Page - California Eastern Labs 2SC5509 Datasheet HTML 8Page - California Eastern Labs 2SC5509 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE663M04 / 2SC5509
R09DS0056EJ0300 Rev.3.00
Page 4 of 8
Mar 5, 2013
Gain Characteristics
VCE = 2 V
IC = 50 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
40
35
20
25
30
5
10
15
0
0.1
1.0
10.0
MAG
MSG
|S21e|
2
VCE = 2 V
f = 2 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
30
25
20
15
10
5
0
1
10
100
MAG
MSG
|S21e|
2
VCE = 2 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
30
15
20
25
10
5
0
1
10
100
MAG
MSG
|S21e|
2
Output Characteristics
VCE = 2 V
f = 1 GHz
25
20
15
10
5
0
–5
150
25
50
75
125
100
0
–15
0
–5
–10
5
10
15
Input Power Pin (dBm)
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
Pout
IC
VCE = 2 V
f = 2 GHz
25
20
15
10
5
0
–5
150
25
50
75
125
100
0
–15
0
–5
–10
5
10
15
Input Power Pin (dBm)
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
Pout
IC
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com