Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297 Datasheet(PDF) 1 Page - Analog Devices

Part # OP297
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297 Datasheet(HTML) 1 Page - Analog Devices

  OP297_15 Datasheet HTML 1Page - Analog Devices OP297_15 Datasheet HTML 2Page - Analog Devices OP297_15 Datasheet HTML 3Page - Analog Devices OP297_15 Datasheet HTML 4Page - Analog Devices OP297_15 Datasheet HTML 5Page - Analog Devices OP297_15 Datasheet HTML 6Page - Analog Devices OP297_15 Datasheet HTML 7Page - Analog Devices OP297_15 Datasheet HTML 8Page - Analog Devices OP297_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Low Bias Current
Precision Operational Amplifier
OP297
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 50 μV maximum
Low offset voltage drift: 0.6 μV/°C maximum
Very low bias current: 100 pA maximum
Very high open-loop gain: 2000 V/mV minimum
Low supply current (per amplifier): 625 μA maximum
Operates from ±2 V to ±20 V supplies
High common-mode rejection: 120 dB minimum
APPLICATIONS
Strain gage and bridge amplifiers
High stability thermocouple amplifiers
Instrumentation amplifiers
Photocurrent monitors
High gain linearity amplifiers
Long-term integrators/filters
Sample-and-hold amplifiers
Peak detectors
Logarithmic amplifiers
Battery-powered systems
GENERAL DESCRIPTION
The OP297 is the first dual op amp to pack precision perform-
ance into the space saving, industry-standard 8-lead SOIC
package. The combination of precision with low power and
extremely low input bias current makes the dual OP297 useful
in a wide variety of applications.
Precision performance of the OP297 includes very low offset
(less than 50 μV) and low drift (less than 0.6 μV/°C). Open-
loop gain exceeds 2000 V/mV, ensuring high linearity in every
application.
Errors due to common-mode signals are eliminated by the
common-mode rejection of over 120 dB, which minimizes
offset voltage changes experienced in battery-powered systems.
The supply current of the OP297 is under 625 μA.
The OP297 uses a super-beta input stage with bias current
cancellation to maintain picoamp bias currents at all tempera-
tures. This is in contrast to FET input op amps whose bias
currents start in the picoamp range at 25°C, but double for
every 10°C rise in temperature, to reach the nanoamp range
above 85°C. Input bias current of the OP297 is under 100 pA at
25°C and is under 450 pA over the military temperature range
per amplifier. This part can operate with supply voltages as low
as ±2 V.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
OUTA
–INA
+INA
V+
OUTB
–INB
+INB
V–
B
A
Figure 1.
TEMPERATURE (°C)
60
–60
40
20
0
–20
–40
–75
–50
–25
0
25
50
75
100
125
IOS
IB+
IB
VS = ±15V
VCM = 0V
Figure 2. Low Bias Current over Temperature
INPUT OFFSET VOLTAGE (µV)
400
0
300
200
100
1200 UNITS
–100 –80
–60
–40
–20
0
20
40
60
80
100
TA = 25°C
VS = ±15V
VCM = 0V
Figure 3. Very Low Offset
Combining precision, low power, and low bias current, the
OP297 is ideal for a number of applications, including instru-
mentation amplifiers, log amplifiers, photodiode preamplifiers,
and long term integrators. For a single device, see the OP97; for
a quad device, see the OP497.


Similar Part No. - OP297_15

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP297A OPTEK-OP297A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
OP297A OPTEK-OP297A Datasheet
290Kb / 8P
Plastic Infrared Emitting Diode
logo
TT Electronics.
OP297A TTELEC-OP297A Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
OP297AA TTELEC-OP297AA Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
OP297AB TTELEC-OP297AB Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
More results

Similar Description - OP297_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
OP297 AD-OP297 Datasheet
191Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
REV.D
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_03 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP297 AD-OP297_06 Datasheet
323Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297S AD-OP297S Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com