Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT49 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # BAT49
Description  500mA Axial Leaded Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT49 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  BAT49 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT49 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BAT49 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Figure 5. Capacitance C versus reverse
applied voltage VR (typical values).
Figure 6. Surge non repetitive forward current
for a rectangular pulse with t
≤ 10 ms.
Figure 7. Surge non repetitive forward current
versus number of cycles.
3of3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com