Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV102 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV102
Description  250mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV102 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV102 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV102 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250mA Surface Mount Schottky Barrier Diode
1 of 2
Features
·
·
·
·
Features
·
·
Mechanical Data
A
C
B
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Switching speed: max. 50 ns
General application
Continuous reverse voltage:
max. 50 V, 100 V, 150 V and 200 V respectively
Repetitive peak reverse voltage:
max. 60 V, 120 V, 200 V and 250 V respectively
Repetitive peak forward current: max. 625 mA.
Pb / RoHS Free
·
·
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Symbol
Value
Unit
BAV100
60
BAV101
120
BAV102
200
BAV103
250
BAV100
50
BAV101
100
BAV102
150
BAV103
200
Maximum Repetitive Peak Forward Current
IFRM
625
mA
Maximum Continuous Forward Current
IF
mA
at t = 100
µs , Tj = 25°C
3.0
at t = 1s , Tj = 25
°C
1.0
Maximum Power Dissipation
PD
400
mW
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Parameter
Maximum Continuous Reverse Voltage
VR
V
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum Surge Forward Current
250
IFSM
A
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 50 V
-
-
100
VR = 100 V
-
-
100
VR = 150 V
-
-
100
VR = 200 V
-
-
100
IF = 100 mA
-
-
1.0
IF = 200 mA
-
-
1.25
Diode Capacitance
Cd
-
-
5.0
pF
IF = 30 mA to IR = 30mA
RL = 100 Ω ; measured
at IR = 3mA
ns
50
f = 1MHz ; VR = 0
-
-
Reverse Recovery Time
Trr
IR
Forward Voltage
VF
V
nA
Reverse Current
Test Condition
BAV100-BAV103


Similar Part No. - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV102 PHILIPS-BAV102 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
High Voltage, General Purpose Diode
logo
Diodes Incorporated
BAV102 DIODES-BAV102 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV102 GE-BAV102 Datasheet
144Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV102

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com