Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8050 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M8050
Description  NPN Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M8050 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M8050 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH M8050 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
M8050
40V, 0.8A, 200mW
NPN Plastic Encapsulate Transistor
27-Jun-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power dissipation
MARKING
Product
Marking Code
M8050
Y11
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
CLASSIFICATION OF hFE(2)
Product-Rank
M8050-L
Range
80-300
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
40
V
Collector - Emitter Voltage
VCEO
25
V
Emitter - Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
0.8
A
Collector Power Dissipation
PC
0.2
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
40
-
-
V
Collector-Emitter Breakdown Voltage
1
IC =1mA, IB =0
V(BR)CEO
25
-
-
V
Emitter-Base Breakdown Voltage
IE =100µA, IC =0
V(BR)EBO
6
-
-
V
Collector Cut-Off Current
VCB=35V, IE=0
ICBO
-
-
0.1
µA
Emitter Cut-Off Current
VCE=20V, IB=0
ICEO
-
-
0.1
µA
VCE=1V, IC=5mA
hFE1
45
-
-
VCE=1V, IC=100mA
hFE2
80
-
300
DC Current Gain
VCE=1V, IC=800mA
hFE3
40
-
-
Collector-Emitter Saturation Voltage
IC=800mA, IB=80mA
VCE(sat)
-
-
0.5
V
Base-Emitter Saturation Voltage
IC=800mA, IB=80mA
VBE(sat)
-
-
1.2
V
Transition frequency
VCE=6V, IC=20mA, f=30MHz
fT
150
-
-
MHz
Note:
1.
Pulse test:pulse width
300
S, duty cycle
2%.
≦ 
≦
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - M8050

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
TRANSISTOR 竊?NPN 竊
logo
Daya Electric Group Co....
M8050 DAYA-M8050 Datasheet
331Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
M8050 SECOS-M8050 Datasheet
222Kb / 2P
NPN Plastic Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
M8050 HTSEMI-M8050 Datasheet
484Kb / 2P
TRANSISTOR(NPN)
logo
Diode Semiconductor Kor...
M8050 DSK-M8050 Datasheet
294Kb / 4P
Silicon Epitaxial Planar Transistor
More results

Similar Description - M8050

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com