Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP600 Datasheet(PDF) 6 Page - Intersil Corporation

Part # SP600
Description  Half Bridge 500VDC Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP600 Datasheet(HTML) 6 Page - Intersil Corporation

  SP600 Datasheet HTML 1Page - Intersil Corporation SP600 Datasheet HTML 2Page - Intersil Corporation SP600 Datasheet HTML 3Page - Intersil Corporation SP600 Datasheet HTML 4Page - Intersil Corporation SP600 Datasheet HTML 5Page - Intersil Corporation SP600 Datasheet HTML 6Page - Intersil Corporation SP600 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 1. TYPICAL CIRCUIT CONFIGURATION
LEGEND
Application Specific
RCU
Upper Gate Charging Resistor
Application Specific
RDU
Upper Gate Discharge Resistor
Application Specific
RPU
Upper Current Pilot Resistor
Application Specific
RCL
Lower Gate Charging Resistor
Application Specific
RDL
Lower Gate Discharging Resistor
Application Specific
RPL
Lower Current Pilot Resistor
3
µF at ≥ 15DC
CDD
Local LV Filter Capacitor
0.22
µF Ceramic X7R at ≥ 15VDC
CF
Flying Capacitor for Bootstrap Supply
Harris P/N A114M or Equiv PRV
≥ VLINK
DF
Flying Diode for Bootstrap Supply
NOTE:
Refer to ‘Additional Product Offerings’ for information concerning power output devices.
19
G1U G2U
D1U
TRIPU
PHASE
G1L
G2L
TRIPL
6
8
9
10
D1L
VDF
VBS
VOUT
13
12
11
CF
DF
RCL
RDL
RPL
COM
VOUT
LOAD
VBIAS VDD
VSS
34
5
CDD
2
1
22
21
BOT
TOP
FAULT
ITRIPSELECT
15V
IBIAS
SP600
HVIC
18
17
15
14
RPU
RCU RDU
IBS
25VDC ≤ VLINK ≤ 500VDC
SP600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com