Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR150 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MBR150
Description  1.0A Axial Leaded Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBR150 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MBR150 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBR150 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Pb / RoHS Free
Low forward voltage drop
Low power loss
High efficiency
High reliability
High surge current capability
High current capability
Weight : 0.312 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-41 Molded plastic
Method 208 guaranteed
SYMBOL
MBR150
MBR160
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
50
60
V
Maximum Working Peak Reverse Voltage
VRMS
50
60
V
Maximum DC Blocking Voltage
VDC
50
60
V
Maximum Average Forward Current , Ta = 55
°C
IF(AV)
Maximum Non-repetitive Peak Surge Current,
(Surge applied at rated load conditions, Half wave,
single phase 60 Hz, TL = 70
°C)
Maximum Instataneous Forward Voltage at I F = 1.0 A
(1)
VF
0.75
V
Maximum Reverse Current at
IR
0.5 (TL = 25
°C)
mA
Rated DC Blocking Voltage
(1)
IR(H)
5.0 (TL = 25
°C)
mA
Maximum Peak Operation Junction Temperature
TJ(PK)
150
°C
Operating and Storage Junction Temperature Range
TJ , TSTG
- 65 to + 150
°C
Note :
(1) Pulse Test : Pulse Width = 300
μs, Duty Cycle = 2%
RATING
A
A
IFSM
1.0
25
MBR150-MBR160
1.0A Axial Leaded Schottky Barrier Rectifier Diodes


Similar Part No. - MBR150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
logo
SynSemi, Inc.
MBR150 SYNSEMI-MBR150 Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR150 PANJIT-MBR150 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR150

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifiers
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
1.0A Axial Leaded Rectifier
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
1.0A Axial Leaded Super Fast Rectifier Diodes
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com