Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETS12 Datasheet(PDF) 2 Page - International Rectifier

Part # 20ETS12
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS12 Datasheet(HTML) 2 Page - International Rectifier

  20ETS12 Datasheet HTML 1Page - International Rectifier 20ETS12 Datasheet HTML 2Page - International Rectifier 20ETS12 Datasheet HTML 3Page - International Rectifier 20ETS12 Datasheet HTML 4Page - International Rectifier 20ETS12 Datasheet HTML 5Page - International Rectifier 20ETS12 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
20ETS..FP
SAFEIR Series
Bulletin I2134 rev. C 03/99
www.irf.com
Voltage Ratings
Part Number
Provide terminal coating for voltages above 1200V
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
20ETS08FP
800
900
1
20ETS12FP
1200
1300
20ETS16FP
1600
1700
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.5
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
62
°C/W
to Ambient
R
thCS
Typ. Thermal Resistance Case
1.5
°C/W
Mounting surface, smooth and greased
toHeatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220FULLPAK
(94/V0)
Thermal-Mechanical Specifications
Parameters
20ETS..FP Units
Conditions
Kg-cm
(Ibf-in)
I
F(AV)
Max.AverageForwardCurrent
20
A
@ T
C
=88°C,180°conductionhalfsine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
250
10msSinepulse,ratedV
RRMapplied
Surge Current
300
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2t for fusing
316
10ms Sine pulse, rated V
RRM
applied
442
10ms Sine pulse, no voltage reapplied
I2
√t Max. I2√t for fusing
4420
A2
√s
t = 0.1 to 10ms, no voltage reapplied
Absolute Maximum Ratings
Parameters
20ETS..FP Units
Conditions
A
A
2s
Electrical Specifications
V
FM
Max. Forward Voltage Drop
1.1
V
@ 20A, T
J
= 25°C
r
t
Forward slope resistance
10.4
m
Ω
V
F(TO) Threshold voltage
0.85
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
1.0
T
J = 150 °C
Parameters
20ETS..FP Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com