Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MR751
Description  6.0A Axial Leaded Silicon Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MR751 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MR751 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MR751 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
1
2
3
4
5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
6
7
8
25
0
50
75
100
125
150
175
200
0
0.1
1.0
100
0.6
1.0
1.4
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2, Typical Forward Characteristics
F
10
0.2
0
Pulse Width = 300 s
2% Duty Cycle
µ
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
100
200
300
400
500
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com