Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO650LCD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # ECO650LCD
Description  ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO650LCD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  ECO650LCD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECO Series 120V 650VA 325W Energy-Saving
Standby UPS with USB port, LCD Display and 8
Outlets
MODEL NUMBER: ECO650LCD
Description
The ECO650LCD ultra-compact green UPS offers complete protection from blackouts, voltage fluctuations and
transient surges. Interactive LCD user interface offers detailed UPS and site electrical data, including
input/output voltage, estimated runtime remaining, load percentage, load wattage and battery charge level.
Energy saving ECO outlets give users the option to automatically power off unused desktop accessories like a
printer and audio speakers as the computer connected via USB goes to low-power sleep or shutdown modes. 99% full load efficiency rating offers energy
savings and cool operating temperatures. Green eco-friendly design meets strict RoHS environmental standards. Provides uninterruptible transfer to battery
derived AC output during power failures and voltage fluctuations with enough runtime to save and shutdown connected equipment without data loss. Space
saving, ultra-compact desktop or wall mount compatible housing. Includes 4 battery supported outlets for computer, monitor and two vital system accessories,
plus 4 additional surge suppression-only outlets for accessories not requiring battery support. Three surge-only outlets marked “ECO” can be configured to
automatically power-off within 3 minutes of the connected computer entering sleep or shutdown mode. USB port monitors computer power status for ECO
power savings and enables direct integration with built-in power management and auto-shutdown features of Windows and Mac OS X. PowerAlert software is
also available via free download from www.tripplite.com to provide advanced auto-shutdown, UPS monitoring and data saving options. USB cable included.
Built-in single line RJ11 phone suppression protects modem, fax machine, cordless phone or other accessories with a dial-up/DSL phone connection. Built-in
interactive LCD screen offers continuous power and UPS status information. Audible alarm warns of power failure conditions. Self-test, display brightness,
alarm disable and LCD information display scrolling options are controllable via interactive LCD user interface. 650VA / 325 watt UPS capacity supports a 100
watt entry-level PC with small monitor for up to 10 minutes during power fail conditions. $100,000 connected equipment insurance (USA, Puerto Rico, &
Canada Only).
Features
ECO650LCD power saving, green UPS offers complete protection from blackouts, voltage fluctuations and transient surges
Interactive LCD user interface with scroll and select buttons offer detailed UPS status and control options
LCD screen options support continuous display of Input voltage, Output voltage, Estimated runtime, Load percentage, Load wattage and Battery charge
percentage - with the option to continuously scroll all six information fields
LCD screen with scroll and select functions also gives users the ability to enable and disable specific UPS features, such as the ECO energy-saving
Highlights
650VA ultra-compact 120V
standby UPS, LCD status and
control display
Maintains AC output during power
failures, 99% line mode efficiency
ECO option turns off set of three
outlets when the computer is not
in use
USB port, TEL/DSL protection,
Wall mountable, Surge-only
outlets
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
ECO650LCD UPS System
USB cable
Instruction manual
1 / 5


Similar Part No. - ECO650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650LCD TRIPPLITE-ECO650LCD Datasheet
532Kb / 5P
ECO 650VA Energy-saving 120V Standby UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
More results

Similar Description - ECO650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650LCD TRIPPLITE-ECO650LCD Datasheet
532Kb / 5P
ECO 650VA Energy-saving 120V Standby UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO650UPSM TRIPPLITE-ECO650UPSM Datasheet
519Kb / 4P
Eco 650VA Energy-saving Standby 120V UPS
ECO350UPS TRIPPLITE-ECO350UPS_15 Datasheet
519Kb / 4P
ECO Series 120V 350VA 180W Energy-Saving Standby UPS with USB port and 6 Outlets
ECO550UPS TRIPPLITE-ECO550UPS_15 Datasheet
530Kb / 4P
ECO Series 120V 550VA 300W Energy-Saving Standby UPS with USB port and 8 Outlets
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO650UPSM TRIPPLITE-ECO650UPSM_15 Datasheet
519Kb / 4P
ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, Muted Alarm and 8 Outlets
ECO750UPS TRIPPLITE-ECO750UPS_15 Datasheet
510Kb / 4P
ECO Series 120V 750VA 450W Energy-Saving Standby UPS with USB port and 12 Outlets
ECO850LCD TRIPPLITE-ECO850LCD_15 Datasheet
549Kb / 5P
ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
ECO850LCDTAA TRIPPLITE-ECO850LCDTAA_15 Datasheet
550Kb / 5P
TAA-Compliant ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com