Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30083-R2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30083-R2A
Description  2.4 GHz Wi-Fi Omni-Directional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30083-R2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30083-R2A Datasheet HTML 1Page - World Produts Inc. WPANT30083-R2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: July 22, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30083-R2A
2.4 GHz Wi-Fi Omni-Directional Antenna
Description / Application
This is a 5 dBi Omni-directional antenna that operates in the 2.4 GHz Wi-Fi / WLAN band. It comes with a Type-N Male connector.
The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω] 50
Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
5 dBi
Polarization
Vertical
Pattern
Omni-Directional
Accepted Power [W] (Max)
100 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
13.8’’ (Height) X 0.8’’ (Dia)
(350mm X 20mm)
Antenna Color
White
Connector
Type-N Male
Antenna Radome
Fiberglass
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant
Note: This antenna will need mounting brackets.


Similar Part No. - WPANT30083-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30086-S3A WPI-WPANT30086-S3A Datasheet
183Kb / 3P
2.45 GHz Wi-Fi Body-mount Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30088-S1A WPI-WPANT30088-S1A Datasheet
179Kb / 3P
ISM Dual-band Body-mount Antenna
WPANT30088-S1A WPI-WPANT30088-S1A_15 Datasheet
177Kb / 3P
ISM Dual-band Body-mount Antenna
More results

Similar Description - WPANT30083-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
2.4 GHz Wi-Fi Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30051-RA WPI-WPANT30051-RA Datasheet
132Kb / 2P
2.4 GHz Wi-Fi Directional Paraboloid Antenna
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com