Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2166 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices SSM2166 Datasheet HTML 15Page - Analog Devices SSM2166 Datasheet HTML 16Page - Analog Devices SSM2166 Datasheet HTML 17Page - Analog Devices SSM2166 Datasheet HTML 18Page - Analog Devices SSM2166 Datasheet HTML 19Page - Analog Devices SSM2166 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SSM2166
Data Sheet
Rev. E | Page 16 of 20
SETUP SUMMARY
The transfer condition of Figure 2 has been implemented. For
inputs below the 100 μV noise gate threshold, circuit and back-
ground noise is minimized. Above it, the output increases at a
rate of 1 dB for each 2 dB input increase until the 500 mV rotation
point is reached at an input of approximately 15 mV. For higher
inputs that drive the output beyond 500 mV, limiting occurs
and there is little further increase. The SSM2166 processes the
output of the buffer, which in the previous example is 20 dB, or
10× the input level. Use the oscilloscope to ensure that the
buffer is not being driven into clipping with the highest expected
input peaks. Always take the minimum gain in the buffer consis-
tent with the average source level and crest factor (ratio of peak
to rms). The wide program range of the SSM2166 makes it
useful in many applications other than microphone signal
conditioning.
Table 6. Initial Potentiometer Settings
Function
Potentiometer
Range
Initial Position
Initial Resistance
Effect of Change
Gain Adjust (VCA)
R10
0 kΩ to 20 kΩ
CCW
0 Ω
0 dB; CW to increase VCA gain
Rotation Point
R3
0 kΩ to 50 kΩ
CCW
0 Ω
1 V; CW to reduce rotation point
Compression Point
R6
0 kΩ to 100 kΩ
CCW
0 Ω
1:1; CW to increase compression
Noise Gate
R7
0 kΩ to 1 MΩ
CW
1 MΩ
300 µV; CCW to increase threshold
Table 7. Demonstration Board Parts List
Component
Value
Description
R1
10 kΩ resistor
Feedback
R2
10 kΩ resistor
Input
R3
50 kΩ potentiometer
Rotation point, adjust
R4
500 Ω resistor
Rotation point, fixed
R5
0 Ω resistor
Compression ratio, fixed
R6
100 kΩ potentiometer
Compression ratio, adjust
R7
1 MΩ potentiometer
Noise gate, adjust
R8
500 Ω resistor
Noise gate, fixed
R9
1 kΩ resistor
Gain adjust, fixed
R10
20 kΩ potentiometer
Gain adjust
R11
330 Ω resistor
Mute
R12
100 kΩ resistor
Power-down, pull-up
C1
0.1 µF capacitor
Input dc block
C2
1 µF capacitor
Buffer low F, G = 1
C3
0.1 µF capacitor
+V bypass
C4
2.2 µF to 22 µF capacitor
Average capacitor
C5
0.01 µF capacitor
Mute click suppress
C6
10 µF capacitor
Coupling
C7
10 µF capacitor
VCA noise/dc balance
IC1
SSM2166
MIC preamp
IC2
OP113, IC
Operational amplifier, output buffer
S1
SPST, Switch
Mute
J1
1/8-inch mini phone plug jumper
MIC input
J2
RCA female jumper
Output jack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com