Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2211
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 1 Page - Analog Devices

  SSM2211_15 Datasheet HTML 1Page - Analog Devices SSM2211_15 Datasheet HTML 2Page - Analog Devices SSM2211_15 Datasheet HTML 3Page - Analog Devices SSM2211_15 Datasheet HTML 4Page - Analog Devices SSM2211_15 Datasheet HTML 5Page - Analog Devices SSM2211_15 Datasheet HTML 6Page - Analog Devices SSM2211_15 Datasheet HTML 7Page - Analog Devices SSM2211_15 Datasheet HTML 8Page - Analog Devices SSM2211_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Distortion, 1.5 W Audio
Power Amplifier
Data Sheet
SSM2211
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.5 W output with THD + N < 1%
Differential bridge-tied load output
Single-supply operation: 2.7 V to 5.5 V
Functions down to 1.75 V
Wide bandwidth: 4 MHz
Highly stable phase margin: >80°
Low distortion: 0.2% THD + N at 1 W output
Excellent power supply rejection
APPLICATIONS
Portable computers
Personal wireless communicators
Hands-free telephones
Speaker phones
Intercoms
Musical toys and talking games
FUNCTIONAL BLOCK DIAGRAM
VOUTB
IN–
IN+
SHUTDOWN
BYPASS
VOUTA
V– (GND)
BIAS
SSM2211
Figure 1.
GENERAL DESCRIPTION
The SSM22111 is a high performance audio amplifier that
delivers 1 W rms of low distortion audio power into a bridge-
connected 8 Ω speaker load (or 1.5 W rms into a 4 Ω load).
The SSM2211 operates over a wide temperature range and is
specified for single-supply voltages between 2.7 V and 5.5 V.
When operating from batteries, it continues to operate down to
1.75 V. This makes the SSM2211 the best choice for unregulated
applications, such as toys and games.
Featuring a 4 MHz bandwidth and distortion below 0.2% THD
+ N at 1 W, superior performance is delivered at higher power
or lower speaker load impedance than competitive units.
Furthermore, when the ambient temperature is at 25°C, THD +
N < 1%, and VS = 5 V on a four-layer PCB, the SSM2211
delivers a 1.5 W output.
The low differential dc output voltage results in negligible
losses in the speaker winding and makes high value dc blocking
capacitors unnecessary. The battery life is extended by using
shutdown mode, which typically reduces quiescent current
drain to 100 nA.
The SSM2211 is designed to operate over the −40°C to +85°C
temperature range. The SSM2211 is available in 8-lead SOIC
(narrow body) and LFCSP (lead frame chip scale) surface-
mount packages. The advanced mechanical packaging of the
LFCSP models ensures lower chip temperature and enhanced
performance relative to standard packaging options.
Applications include personal portable computers, hands-free
telephones and transceivers, talking toys, intercom systems, and
other low voltage audio systems requiring 1 W output power.
1
Protected by U.S. Patent No. 5,519,576.


Similar Part No. - SSM2211_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
More results

Similar Description - SSM2211_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
2 x 1.5 W BTL audio amplifier
1998 Mar 25
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
Low Distortion 1.5 Watt Audio Power Amplifier
REV.0
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com