Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2402 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2402
Description  Dual Audio Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2402 Datasheet(HTML) 3 Page - Analog Devices

  SSM2402 Datasheet HTML 1Page - Analog Devices SSM2402 Datasheet HTML 2Page - Analog Devices SSM2402 Datasheet HTML 3Page - Analog Devices SSM2402 Datasheet HTML 4Page - Analog Devices SSM2402 Datasheet HTML 5Page - Analog Devices SSM2402 Datasheet HTML 6Page - Analog Devices SSM2402 Datasheet HTML 7Page - Analog Devices SSM2402 Datasheet HTML 8Page - Analog Devices SSM2402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2402/SSM2412
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Operating Supply Voltage Range . . . . . . . . . . . . . . . . .
±20 V
Analog Input Voltage Range
Continuous . . . . . . . . . . . . . . V– +3.5 V
≤ V
A
≤ V+ –3.5 V
Maximum Current Through Switch . . . . . . . . . . . . . . 20 mA
Logic Input Voltage Range . . . . . . . . . . . . V+ Supply to –2 V
V+ Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
V– Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . –20 V
VA to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
Package Type
JA*
JC
Units
14-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOL (S)
92
27
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for P-DIP package;
θ
JA is specified for device soldered to printed circuit
board for SOL package.
Timing Diagram
ORDERING GUIDE
Temperature
Package
Model
Range
Description
SSM2402P
–40
°C to +85°C
14-Pin Plastic DIP
SSM2402S
–40
°C to +85°C
16-Pin SOL
SSM2412P
–40
°C to +85°C
14-Pin Plastic DIP
SSM2412S
–40
°C to +85°C
16-Pin SOL
DICE CHARACTERISTICS
Die Size 0.105
× 0.097 Inch, 10,185 sq. mils
(2.667
× 2.464 mm, 6.57 sq. mm)
WAFER TEST LIMITS
Parameter
Symbol
Conditions
1
Limit
Units
POSITIVE SUPPLY CURRENT
+ISY
VIL = 0.8 V
7.5
mA max
NEGATIVE SUPPLY CURRENT
–ISY
VIL = 0.8 V
6.0
mA max
GROUND CURRENT
IGND
VIL = 0.8 V
1.5
mA max
LOGIC INPUT CURRENT
ILOGIC
VIN = 0 V
2
5.0
µA max
SWITCH ON RESISTANCE
RON
–14.2 V
≤ V
A
≤ +14.2 V
85
Ω max
IA =
±10 mA, V
IL = 2.0 V
RON MATCH BETWEEN SWITCHES
RON MATCH
–14.2 V
≤ V
A
≤ +14.2 V
5
% max
IA = ± 10 mA, VIL = 2.0 V
SWITCH ON LEAKAGE CURRENT
IS(ON)
–14.2 V
≤ V
A
≤ +14.2 V, V
IL = 2.0 V
1.0
µA max
SWITCH OFF LEAKAGE CURRENT
IS(OFF)
–14.2 V
≤ V
A
≤ +14.2 V, V
IL = 0.8 V
1.0
µA max
NOTES
1V
IL = Logic Control Input; VA = Applied Analog Input Voltage; I A = Applied Analog Input Current.
2Worst Case Condition.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not
guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com