Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403BD Datasheet(PDF) 2 Page - Calogic, LLC

Part # SD403BD
Description  High Speed DMOS N-Channel Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD403BD Datasheet(HTML) 2 Page - Calogic, LLC

  SD403BD Datasheet HTML 1Page - Calogic, LLC SD403BD Datasheet HTML 2Page - Calogic, LLC SD403BD Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD403
LLC
ABSOLUTE MAXIMUM RATINGS (TA = +25
oC unless otherwise noted)
Drain-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
+20V
Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
+20V
Source-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation (at or below TA = +25
oC) . . . . . . . . 300mW
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . 3.0mW/
oC
Operating Junction and Storage
Temperature Range . . . . . . . . . . . . . . . . -55
oC to +125oC
ELECTRICAL CHARACTERISTICS (TA = +25
oC unless otherwise specified)
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
TEST CONDITIONS
STATIC
BVDSS
Drain-Source Breakdown Voltage
15
25
V
ID = 1.0
µA, VGS =0
ID(OFF)
Drain-Source OFF Leakage Current
1.0
µAVDS = 15V, VGS = 0
IGSS
Gate-Source Leakage Current
1.0
µAVGS = 20V, VDS = 0
ID(ON)
Drain-Source ON Current
80
120
mA
VDS = 10V, VGS = 10 V Pulse Test
VGS(th)
Gate-Source Threshold Voltage
0.3
1.5
V
ID = 1.0
µΑ, VDS = VGS
VDS(ON)
Drain-Source ON Voltage
140
175
mV
ID = 1mA, VGS = 2.4V
rDS(ON)
Drain-Source ON Resistance
140
175
ohms
VDS(ON)
Drain-Source ON Voltage
40
60
mV
ID = 1mA, VGS = 4.5V
rDS(ON)
Drain-Source ON Resistance
40
60
ohms
DYNAMIC
gfs
Common-Source Forward Transconductance
15
19
mS
ID = 20mA VDS = 10V,
f = 1KHz
Pulse Test
ciss
Common-Source Input Capacitance
4.5
6.0
pf
VDS = 10V, VGS = 0
f = 1MHz
coss
Common-Source Output Capacitance
2.0
3.0
crss
Common-Source Reverse Transfer Capacitance
0.4
0.6
td(on)
Turn ON Delay Time
0.8
1.2
ns
VDD = 10V, RL = 680
Ω
VG(ON) = 10V, RG = 51
Ω
CL = 1.5pF
tr
Rise Time
0.9
1.2
t(OFF)
Turn OFF Time
1.4
SWITCHING TIMES TEST CIRCUIT
TEST WAVEFORMS
VDD
R L
VOUT
RG
510
51
VG
OSCILLOSCOPE
Ω
<
_
Ω
Ω
r
in
in
r
INPUT PULSE
t
0.5 nSEC
PULSE WIDTH - 100 nSEC
SAMPLING OSCILLOSCOPE
t < 0.36 nSEC
R
> 1M
C
< 2.0 pF
V
10%
0
t
V
0V
G(on)
d(on)
on
r
~
~
t
t
DD
V
Vout
in
90%
90%
10%
t
t
t
off
fall
d(off)
90%
10%
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS060 REV A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com