Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8901HD Datasheet(PDF) 3 Page - Calogic, LLC

Part # SD8901HD
Description  Wideband, Ring Demodulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD8901HD Datasheet(HTML) 3 Page - Calogic, LLC

  SD8901HD Datasheet HTML 1Page - Calogic, LLC SD8901HD Datasheet HTML 2Page - Calogic, LLC SD8901HD Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD8901
LLC
FIGURE 2. First and third Quadrand I-E Characteristic Showing Effect of Gate Voltage Leading to Large-Signal
Overload Distortion.
FIGURE 1.
SIGNAL
T4-1
+VGG
T4-1
L O
680 pF
-Vu
T1-1T
OR
T4-1
i-f
u
LOW-PASS
IMAGE TERMINATING
FILTER
(OPTIONAL)
680 pF
SD8901
u
u
u
ID (ma)
50.00
10.00
/DIV
-50.00
-5.000
VDS
0
(V)
5.000
0
1.000/DIV
16 V
12 V
8 V
4 V
0 V
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS066 REV A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com