Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT720 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT720
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT720 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT720_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT720_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MMBT720
-1.5A , -40V
PNP Plastic Encapsulated Transistor
20-Dec-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= -100µA, IE=0
Collector-Emitter Breakdown Voltage
1
V(BR)CEO
-40
-
-
V
IC= -10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -35V, IE=0
Collector Cut-Off Current
ICES
-
-
-0.1
µA
VCE= -35V, VBE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB= -4V, IC=0
300
-
-
VCE= -2V, IC= -10mA
300
-
-
VCE= -2V, IC= -100mA
180
-
-
VCE= -2V, IC= -1A
60
-
-
VCE= -2V, IC= -1.5A
DC Current Gain
1
hFE
12
-
-
VCE= -2V, IC= -3A
-
-
-40
IC= -100mA, IB = -10mA
-
-
-220
IC= -1A, IB = -50mA
Collector-Emitter Saturation Voltage
1
VCE(sat)
-
-
-330
mV
IC= -1.5A, IB = -100mA
Base-Emitter Saturation Voltage
1
VBE(sat)
-
-
-1
IC= -1.5A, IB= -75mA
Base-emitter voltage
1
VBE(on)
-
-
-1
V
VCE= -2V, IC= -1.5A
Transition frequency
fT
150
-
-
MHz
VCE= -10V,IC= -50mA, f=100MHz
Collector output capacitance
Cob
-
-
25
pF
VCB= -10V, f=1MHz
Turn-on Time
t(on)
-
40
-
Turn-off Time
t(off)
-
435
-
nS
VCC= -15V,IC= -0.75A,
IB1= IB2= -15mA
Note:
1. Measured under pulse conditions . Pulse width =300µs. Duty cycle≤2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com