Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA92
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA92 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA92_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA92_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA92
PNP Silicon
General Purpose Transistor
DEVICE MARKING
MMBTA92=2D
Pb-free is available.
Power dissipation & Collector current
Pcm: 0.3W Icm: -0.3A
High voltage V(BR): -300V
FEATURES
COLLECTOR
3
1
BASE
2
EMITTER
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL CHARACTERISTICS Tamb=25 C unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
Collector-base breakdown voltage
V(BR)CBO
Ic= -100uA
, IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1 m A
, IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 A
, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-200 V ,
IE=0
-0.25
μA
Emitter cut-off current
IEBO
VEB=-5V ,
IC=0
-0.1
μA
HFE1
VCE= -10V,
IC=-1mA
60
HFE2
VCE= -10V,
IC=-10mA
100
200
DC current gain
HFE3
VCE=-10V,
IC=-30mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-20 mA,
IB= -2m A
-0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= -20 m A,
IB=-2m A
-0.9
V
Transition frequency
fT
VCE=-20V, IC=-10mA
f=30MHz
50
MHz
DEVICE MARKING
01-Jun-2004 Rev.B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBTA92_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBTA92 KEXIN-MMBTA92_15 Datasheet
1Mb / 2P
PNP Transistors
logo
Diodes Incorporated
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
logo
KEC(Korea Electronics)
MMBTA92 KEC-MMBTA92_15 Datasheet
355Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Unisonic Technologies
MMBTA92 UTC-MMBTA92_15 Datasheet
158Kb / 3P
HIGH VOLTAGE PNP TRANSISTOR
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
More results

Similar Description - MMBTA92_15

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com