Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2132 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2132
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132 Datasheet(HTML) 1 Page - International Rectifier

  IR2132 Datasheet HTML 1Page - International Rectifier IR2132 Datasheet HTML 2Page - International Rectifier IR2132 Datasheet HTML 3Page - International Rectifier IR2132 Datasheet HTML 4Page - International Rectifier IR2132 Datasheet HTML 5Page - International Rectifier IR2132 Datasheet HTML 6Page - International Rectifier IR2132 Datasheet HTML 7Page - International Rectifier IR2132 Datasheet HTML 8Page - International Rectifier IR2132 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
n Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
n Gate drive supply range from 10 to 20V
n Undervoltage lockout for all channels
n Over-current shutdown turns off all six drivers
n Independent half-bridge drivers
n Matched propagation delay for all channels
n Outputs out of phase with inputs
Description
The IR2132 is a high voltage, high speed power
MOSFET and IGBT driver with three independent high
and low side referenced output channels. Proprietary
HVIC technology enables ruggedized monolithic con-
struction. Logic inputs are compatible with 5V CMOS
or LSTTL outputs. A ground-referenced operational
amplifier provides analog feedback of bridge current
via an external current sense resistor. A current trip
function which terminates all six outputs is also de-
rived from this resistor. An open drain FAULT signal
indicates if an over-current or undervoltage shutdown
has occurred. The output drivers feature a high pulse
current buffer stage designed for minimum driver
cross-conduction. Propagation delays are matched
to simplify use at high frequencies.The floating chan-
nels can be used to drive N-channel power MOSFETs
or IGBTs in the high side configuration which oper-
ate up to 600 volts.
3-PHASE BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
675 & 425 ns
Deadtime (typ.)
0.8 µs
Packages
Typical Connection
Data Sheet No. PD-6.033E
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-165
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR2132

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2132 IRF-IR2132 Datasheet
298Kb / 26P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2132 INFINEON-IR2132 Datasheet
306Kb / 26P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR2132J IRF-IR2132J Datasheet
298Kb / 26P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2132J INFINEON-IR2132J Datasheet
306Kb / 26P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR2132JPBF IRF-IR2132JPBF Datasheet
298Kb / 26P
3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2132

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com