Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2155 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2155
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2155 Datasheet(HTML) 1 Page - International Rectifier

  IR2155 Datasheet HTML 1Page - International Rectifier IR2155 Datasheet HTML 2Page - International Rectifier IR2155 Datasheet HTML 3Page - International Rectifier IR2155 Datasheet HTML 4Page - International Rectifier IR2155 Datasheet HTML 5Page - International Rectifier IR2155 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
n Undervoltage lockout
n Programmable oscillator frequency
f
=
×+
×
1
1.4 (R
150 ) C
TT
Ω
n Matched propagation delay for both channels
n Micropower supply startup current of 125 µA typ.
n Low side output in phase with RT
Description
The IR2155 is a high voltage, high speed, self-os-
cillating power MOSFET and IGBT driver with both high
and low side referenced output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction.The front end fea-
tures a programmable oscillator which is similar to the
555 timer. The output drivers feature a high pulse cur-
rent buffer stage and an internal deadtime designed for
minimum driver cross-conduction. Propagation delays
for the two channels are matched to simplify use in
50% duty cycle applications. The floating channel can
be used to drive an N-channel power MOSFET or IGBT
Data Sheet No. PD-6.029G
IR2155
SELF-OSCILLATING HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
Duty Cycle
50%
IO+/-
210 mA / 420 mA
VOUT
10 - 20V
Deadtime (typ.)
1.2 µs
Package
Typical Connection
up to 600V
V
CC
V
B
V
S
HO
LO
COM
R
T
C
T
TO
LOAD
in the high side configuration that operates off a high
voltage rail up to 600 volts.
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-199
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR2155

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2155 IRF-IR2155 Datasheet
156Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2155 INFINEON-IR2155 Datasheet
148Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60029 revJ
logo
International Rectifier
IR2155PBF IRF-IR2155PBF Datasheet
156Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2155

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com