Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51HD310 Datasheet(PDF) 1 Page - International Rectifier

Part # IR51HD310
Description  SELF-OSCILLATING HALF-BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD310 Datasheet(HTML) 1 Page - International Rectifier

  IR51HD310 Datasheet HTML 1Page - International Rectifier IR51HD310 Datasheet HTML 2Page - International Rectifier IR51HD310 Datasheet HTML 3Page - International Rectifier IR51HD310 Datasheet HTML 4Page - International Rectifier IR51HD310 Datasheet HTML 5Page - International Rectifier IR51HD310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD-6.060D
IR51HD310
SELF-OSCILLATING HALF-BRIDGE
Features
n Output Power MOSFETs in half-bridge configuration
400V Rated Breakdown Voltage
n High side gate drive designed for bootstrap operation
n Bootstrap diode integrated into package
n Accurate timing control for both Power MOSFETs
Matched delay to get 50% duty cycle
Matched deadtime of 1.2us
n Internal oscillator with programmable frequency
f
=
+
1
14
R
75
C
TT
.
× (
) ×
n Zener clamped Vcc for offline operation
n Half-bridge output is out of phase with RT
Description
The IR51HD310 is a high voltage, high speed, self-
oscillating half-bridge.
Proprietary HVIC and latch
immune
CMOS
technologies,
along
with
the
HEXFET®
power
MOSFET
technology,
enable
ruggedized single package construction. The front-end
features a programmable oscillator which functions
similar to the CMOS 555 timer.
The supply to the
control circuit has a zener clamp to simplify offline
operation.
The output
features two HEXFETs in a
half-bridge
configuration
with
an
internally
set
deadtime designed for minimum cross-conduction in
the half-bridge. Propagation delays for the high and
low side power MOSFETs are matched to simplify use
in 50% duty cycle applications.
The device can
operate up to 400 volts.
Product Summary
VIN (max)
400V
Duty Cycle
50%
Deadtime
1.2µs
RDS(on)
3.6
PD (TA = 25 ºC)
2.0W
Package
IR51HD310
9506
Typical Connection
TO
LO A D
I R 51H D 310
CO M
CC
V
V IN
B
V
CT
RT
U P T O
400V D C
B U S
VO
CO M
V IN
T
R
T
C
1
2
3
4
6
9
7
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IR51HD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD310 IRF-IR51HD310 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
More results

Similar Description - IR51HD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H420 IRF-IR51H420 Datasheet
184Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR53HD420 IRF-IR53HD420 Datasheet
82Kb / 8P
SELF-OSCILLATING HALF BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
SELF-OSCILLATING HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com