Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 8 Page - NEC

Part # UPC8158K
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 8 Page - NEC

Back Button UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC UPC8158K Datasheet HTML 10Page - NEC UPC8158K Datasheet HTML 11Page - NEC UPC8158K Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Data Sheet P13831EJ1V1DS00
8
µµµµPC8158K
Pin
No.
Symbol
Supply
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Application
Internal Equivalent Circuit
22
N.C.
–
–
This pin is not connected to internal
circuit. This pin should be opened
or grounded.
–––––––––––––––––
23
RFout
–
1.75
RF output pin. This pin is emitter
follower which is low impedance
output port. This pin can be easily
matched to 50
Ω impedance using
external coupling and decoupling
capacitors.
23
External
24
N.C.
–
–
These pins are not connected to
internal circuit. These pins should
be opened or grounded.
–––––––––––––––––
25
VCC
2.7 to 4.0
–
Supply voltage pin for RF output
buffer.
–––––––––––––––––
26
Fil1
–
2.76
27
Fil2
–
2.76
External inductor and capacitor can
supress harmonics spurious of LO1
frequency.
LC value should be determined
according to LO1 input frequency
and suppression level.
External
26
27
28
GND
0
–
Ground pin for modulator, up-
converter and AGC circuits. This pin
should be grounded with minimum
inductance. Form the ground
pattern as widely as possible to
minimize ground impedance.
–––––––––––––––––
Note Pin Voltages are measured on VCC = 3.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com