Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT65010-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT65010-R1A
Description  GPS L1 Band Active Patch Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT65010-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT65010-R1A Datasheet HTML 1Page - World Produts Inc. WPANT65010-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: March 27, 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT65010-R1A
GPS L1 Band Active Patch Module
Description / Application
This is a 10mm X 10mm Active Patch Module for GPS L1 Band frequencies. This can be used in portable navigation & tracking
applications. The module consists of a circularly polarized patch antenna and a single stage Low Noise Amplifier (LNA). It comes
with a U.FL cable and an IPX / Hirose equivalent connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
1567 – 1583 MHz
Approximate Antenna Impedance [
Ω]
50Ω
LNA Gain [dBi] (Typical)
24 dBi
Active Antenna Peak Gain [dBi]
21 dBi @ Zenith
Voltage [V] (Typical)
3 ± 0.5 V
Current [mA] (Typical)
13 mA @ 3V
Noise Figure [dB] (Typical)
1.8 dB
Polarization
RHCP
Axial Ratio [dB] (Typical)
3 dB
Mechanical / Environmental Properties
Patch Dimensions
10.8mm X 10.8mm X 4mm
Module Dimensions
10.8mm X 10.8mm X 6.5mm
Cable
100mm long 1.13mm OD Micro Co-ax
Connector
IPX / Hirose equivalent
Operating / Storage Temperature
-40
oC to +90oC
Environmental
IP67 rated; Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT65010-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
GPS L1 Band Active Patch Module
WPANT65018-R1A WPI-WPANT65018-R1A Datasheet
94Kb / 2P
GPS L1 Band Active Patch Module
More results

Similar Description - WPANT65010-R1A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
239Kb / 12P
Integrated L1-Band GPS Receiver
Rev 0; 1/05
logo
World Produts Inc.
WPANT65012-R1A WPI-WPANT65012-R1A Datasheet
102Kb / 2P
GPS L1 Band Active Patch Module
WPANT65015-R1A WPI-WPANT65015-R1A Datasheet
81Kb / 2P
GPS L1 Band Active Patch Module
WPANT65018-R1A WPI-WPANT65018-R1A Datasheet
94Kb / 2P
GPS L1 Band Active Patch Module
WPANT65025-R3A WPI-WPANT65025-R3A Datasheet
95Kb / 2P
GPS L1 Band Active Patch Module
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
GPS L1 Band Active Module
WPANTDP091-R1A WPI-WPANTDP091-R1A Datasheet
380Kb / 3P
GPS L1 Band Active Module
logo
Pulse A Technitrol Comp...
L145 PULSE-L145 Datasheet
2Mb / 4P
GPS L1 Band & GLONASS Ceramic Patch Antenna
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
GPS L1 band Antenna
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
GPS L1 band SMT Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com