Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU6000RT4UTF Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UTF
Description  SmartOnline 240/208/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Low-Voltage Transformer,Extended Run, SNMP, Webcard, 6U Rack/Tower,Bypass Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UTF Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 7Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartOnline 240/208/120V 6kVA 5.4kW On-Line
Double-Conversion UPS, Low-Voltage Transformer,
Extended Run, SNMP, Webcard, 6U Rack/Tower,
Bypass Switch
MODEL NUMBER: SU6000RT4UTF
Description
Featuring true on-line operation with pure sine wave output, zero transfer time to battery and complete UPS
replacement capability with no downtime, the SU6000RT4UTF provides the highest level of protection available
for mission-critical equipment from all power problems. It converts incoming AC power to DC, and re-converts it
back to filtered AC output with a pure sine wave, providing ultimate protection. The SU6000RT4UTF has a
6kVA/5400W capacity and 16 AC outlets (4 5-15R; 8 5-15/20R; 2 L6-20R; 2 L6-30R). Using the 2U transformer,
the SU6000RT4UTF can support both low- and high-voltage equipment.
With its detachable PDU, the SU6000RT4UTF is easily hot-swappable by a user of any skill set—no need for
lengthy and expensive service calls, and no downtime if a repair or battery replacement is needed. In bypass
mode, the PDU passes power to equipment without the use of the power and battery modules, allowing them to
be removed while keeping your application in operation.
UPS battery backup keeps connected equipment operational through short power failures, and provides time to
save data and perform an orderly system shutdown in case of a prolonged blackout. The SU6000RT4UTF’s
runtime can be expanded with external battery packs.
The SU6000RT4UTF features a highly efficient (96%) economy mode setting that can significantly reduce a
facility's energy costs by minimizing heat output, reducing cooling requirements and consuming less electricity.
An LCD display with LED indicators enables IT personnel to monitor operating modes and conditions. The
LCD/LED panel rotates for viewing in horizontal rack or vertical tower installations and includes an audible alarm
that signals various conditions.
Highlights
Completely user
hot-swappable—no service call
or technician needed
Included maintenance bypass
switch enables live replacement
of UPS with zero downtime
Protects rackmount servers,
telecom systems and other
networking equipment in
high-voltage environments
True on-line operation, pure sine
wave output and zero transfer
time to battery
208/240V input voltage
16 outlets (4 5-15R; 8 5-15/20R;
2 L6-20R; 2 L6-30R)
6kVA/5400W capacity in 6U total
form factor with power module
and independent, detachable
PDU
Included 2U low-voltage
transformer for total equipment
compatibility
Hot-swappable power and
battery modules
8.5-minute half-load runtime,
2-minute full-load; expandable
runtime with external battery
packs
Front panel LEDs with detailed
LCD monitoring and control
screen
USB, RS232 and SNMP
communication ports with
included PowerAlert software for
complete network power
management and control
$250,000 Ultimate Lifetime
Insurance (U.S., Canada, and
Puerto Rico only); 2-year warranty
1 / 7


Similar Part No. - SU6000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU6000RT4UTFTAA TRIPPLITE-SU6000RT4UTFTAA Datasheet
180Kb / 6P
SmartOnline 120/208/240V 6kVA On-Line UPS ??Double Conversion, 5.4kW, 6U, Network Card Option, TAA Compliant
More results

Similar Description - SU6000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000RT4U TRIPPLITE-SU5000RT4U Datasheet
543Kb / 6P
SmartOnline 208/120V or 240/120V 5kVA 3.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
SU6000RT4U TRIPPLITE-SU6000RT4U_15 Datasheet
549Kb / 6P
SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU6000RT4UHV TRIPPLITE-SU6000RT4UHV Datasheet
538Kb / 6P
SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UHVG TRIPPLITE-SU6000RT4UHVG Datasheet
539Kb / 6P
SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UN50TF TRIPPLITE-SU8000RT3UN50TF Datasheet
544Kb / 6P
SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower,Bypass Switch, 208/120V Outlets
SU8000RT4U TRIPPLITE-SU8000RT4U_15 Datasheet
516Kb / 6P
SmartOnline 240/208/120V 8kVA 5.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack-Tower, Split-Phase input, Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com