Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 13 Page - NEC

Part # UPC8158K
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 13 Page - NEC

Back Button UPC8158K Datasheet HTML 9Page - NEC UPC8158K Datasheet HTML 10Page - NEC UPC8158K Datasheet HTML 11Page - NEC UPC8158K Datasheet HTML 12Page - NEC UPC8158K Datasheet HTML 13Page - NEC UPC8158K Datasheet HTML 14Page - NEC UPC8158K Datasheet HTML 15Page - NEC UPC8158K Datasheet HTML 16Page - NEC UPC8158K Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
13
µµµµPC8126K
TEST CIRCUIT 2
Pre-mixer + Quadrature modulator (for Power save response time)
BPF
RFin
IFin
1 000 pF
51
Ω
51
Ω
Spectrum Analyzer
Voltage
Source
Voltage
Source
Voltage
Source
0.22 F
µ
µ
µ
1 000 pF
100 pF
0.22 F
33 pF
1 000 pF
100 pF
VCC3 (MOD)
VCC1 (Pre Mix)
MODout
0.22 F
1 000 pF
100 pF
Signal Generator
Signal Generator
22
23
24
25
26
27
28
14
13
12
11
10
9
15
16
17
18
19
20
21
18
7
6
5
4
3
2
TFF
PreMixer
Qin
Qb
Ib
Iin
6.8 nH
6.8 nH
5.6 nH
2.5 pF
7 pF
7 pF
15 nH
Filter
1 pF 18 nH
Mixout
33 pF
VCC2 (MOD)
VPS1 (MOD)
300
Ω
33 pF
33 pF
I/Q Singnal
Generator
Frequency
Doubler
I/Q Mixer
I/Q Mixer
Palse Pattern
Generator
VPS2 (Pre Mix)
2 pF
10 nH
18 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com