Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3703 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF3703
Description  Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3703 Datasheet(HTML) 8 Page - International Rectifier

  IRF3703 Datasheet HTML 1Page - International Rectifier IRF3703 Datasheet HTML 2Page - International Rectifier IRF3703 Datasheet HTML 3Page - International Rectifier IRF3703 Datasheet HTML 4Page - International Rectifier IRF3703 Datasheet HTML 5Page - International Rectifier IRF3703 Datasheet HTML 6Page - International Rectifier IRF3703 Datasheet HTML 7Page - International Rectifier IRF3703 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF3703
8
www.irf.com
LEAD ASSIG NM ENTS
1 - G A TE
2 - D R A IN
3 - SOURCE
4 - D R A IN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.0 22)
0.46 (.0 18)
2.9 2 (.115)
2.6 4 (.104)
4.69 (.1 85)
4.20 (.1 65)
3X
0.93 (.03 7)
0.69 (.02 7)
4 .06 (.160 )
3 .55 (.140 )
1.15 (.0 45)
M IN
6.4 7 (.255)
6.1 0 (.240)
3.78 (.14 9)
3.54 (.13 9)
- A -
10.54 (.4 15)
10.29 (.4 05)
2.87 (.11 3)
2.62 (.10 3)
15 .24 (.600)
14 .84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.05 5)
1.15 (.04 5)
2.5 4 (.10 0)
2X
0 .36 (.014 )
M
B A M
4
1
2
3
NOT ES :
1 D IM E N SIO N IN G & T OL E R A NC ING P E R A NS I Y 14 .5M , 1982.
3 O U TLINE C O N F O R M S T O J E DE C O U TL IN E T O -220 AB .
2 CONT ROLLING DIM E NSIO N : INCH
4 HEATSINK & LEAD M E AS UREM E NT S DO N OT IN CL UDE BURRS.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
PAR T N U M BER
IN TE R N A TIO N A L
R E C T IF IE R
L O G O
E X A M P LE : TH IS I S A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
A S S E M B L Y
L O T
C O D E
DA T E C O DE
(Y Y WW)
YY = YE A R
WW = W E E K
92 4 6
IR F 1010
9 B
1 M
A
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/01
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 76A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 0.6mH
RG = 25Ω, IAS = 76A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com