Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3707 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3707
Description  Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707 Datasheet(HTML) 2 Page - International Rectifier

  IRF3707 Datasheet HTML 1Page - International Rectifier IRF3707 Datasheet HTML 2Page - International Rectifier IRF3707 Datasheet HTML 3Page - International Rectifier IRF3707 Datasheet HTML 4Page - International Rectifier IRF3707 Datasheet HTML 5Page - International Rectifier IRF3707 Datasheet HTML 6Page - International Rectifier IRF3707 Datasheet HTML 7Page - International Rectifier IRF3707 Datasheet HTML 8Page - International Rectifier IRF3707 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF3707/3707S/3707L
2
www.irf.com
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
213
mJ
IAR
Avalanche Current

–––
62
A
Avalanche Characteristics
S
D
G
Diode Characteristics
62
248
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
37
–––
–––
SVDS = 15V, ID = 49.6A
Qg
Total Gate Charge
–––
19
–––
ID = 24.8A
Qgs
Gate-to-Source Charge
–––
8.2
–––
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
6.3
–––
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
18
27
VGS = 0V, VDS = 15V
td(on)
Turn-On Delay Time
–––
8.5
–––
VDD = 15V
tr
Rise Time
–––
78
–––
ID = 24.8A
td(off)
Turn-Off Delay Time
–––
11.8
–––
RG = 1.8Ω
tf
Fall Time
–––
3.3
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
1990 –––
VGS = 0V
Coss
Output Capacitance
–––
707
–––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
50
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.88
1.3
V
TJ = 25°C, IS = 31A, VGS = 0V
ƒ
–––
0.8
–––
TJ = 125°C, IS = 31A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
39
59
ns
TJ = 25°C, IF = 31A, VR=20V
Qrr
Reverse Recovery Charge
–––
49
74
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
42
63
ns
TJ = 125°C, IF = 31A, VR=20V
Qrr
Reverse Recovery Charge
–––
62
93
nC
di/dt = 100A/µs
ƒ
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.027
–––
V/°C Reference to 25°C, ID = 1mA
–––
9.0
12.5
VGS = 10V, ID = 15A
ƒ
–––
12.6
17
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com