Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 2 Page - NEC

Part # UPC8158K
Description  UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 2 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INTERNAL BLOCK DIAGRAM
APPLICATION EXAMPLE
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6.0
VPS
Power Save Voltage
V
6.0
VAGC
AGC Control Voltage
V
6.0
IQ(DC)
IQ DC Offset Voltage
V
4.0
PD
Power Dissipation2
mW
430
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
UPC8129GR
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on 50 x 50 x 1.6 mm double copper clad epoxy glass
PWB (TA = 85
°C).
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
3.0
5.5
TOP
Operating Temperature
°C
-40
+25
+85
fRFOUT
Up Converter Output Frequency
MHz
800
1900
fUPCONIN
Up Converter Input Frequency
fMODOUT
Modulator Output Frequency
fLO1IN
LO1 Input Frequency
MHz
200
800
PLO1IN
LO1 Input Level
dBm
-15
-10
-5
fLO2IN
LO2 Input Frequency
MHz
800
1800
PLO2IN
LO2 Input Level
dBm
-15
-10
-5
fI/QIN
I/Q Input Frequency
MHz
DC
10
VI/QIN
I/Q Input Amplitude1
mVP-P
500
600
RECOMMENDED OPERATING CONDITIONS
MHz
100
400
Note:
1. Single ended Input.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
UPCONIN
UPCONIN
MODOUT
I
I
Q
Q
Lo1IN
Lo1IN
GND
VCC(MOD)
VCC(UPCON)
RFOUT
GND
VPS
VAGC
GND
Lo2IN
Lo2IN
GND
90
° Phase
Shifter (
÷2)
Reg.
φ
DEMO
I
Q
I
Q
SUB ANT
1st. MIX
1st. Lo
2nd. Lo
2nd. MIX
MAIN ANT
SW
SW
SW
AGC
PLL1
FILTER
PLL2
φ (F/F)
0
°
90
°
fLO
MODOUT
=fLO/2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com