Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5802 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF5802
Description  Power MOSFET(Vdss=150V, Id=0.9A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5802 Datasheet(HTML) 7 Page - International Rectifier

  IRF5802 Datasheet HTML 1Page - International Rectifier IRF5802 Datasheet HTML 2Page - International Rectifier IRF5802 Datasheet HTML 3Page - International Rectifier IRF5802 Datasheet HTML 4Page - International Rectifier IRF5802 Datasheet HTML 5Page - International Rectifier IRF5802 Datasheet HTML 6Page - International Rectifier IRF5802 Datasheet HTML 7Page - International Rectifier IRF5802 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF5802
www.irf.com
7
TSOP-6 Package Outline
TSOP-6 Part Marking Information
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
01
02
03
04
24
W
YEAR
Y
A
2001
1
B
2002
2
C
2003
3
D
2004
4
X
1999
0
WW = (27-52) IF PRECEDED BY A LET T ER
WEEK
27
28
29
30
50
W
YEAR
A
2001
A
B
2002
B
C
2003
C
D
2004
D
X
J
YWW = 9632 = FF
YWW = 9603 = 6C
DAT E CODE EXAMPLES :
2005
1996
1997
1998
1999
2000
E
F
G
H
K
Y
2005
1996
1997
1998
2000
9
8
7
6
5
PART NUMBER
EXAMPLE: T HIS IS AN SI3443DV
YW
TOP
DATE
CODE
WORK
WEEK
WORK
3A = SI3443DV
PART NUMBER CODE REF ERENCE:
25
Y
51
Y
26
Z
WAFER LOT
BOT TOM
NUMBER CODE
3A
XXXX
3B = IRF5800
3C = IRF 5850
3D = IRF 5851
3E = IRF5852
3J = IRF 5806
3I = IRF 5805



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com