Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP15P04SLG-E1-AYNote Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP15P04SLG-E1-AYNote
Description  SWITCHING P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP15P04SLG-E1-AYNote Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP15P04SLG-E1-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP15P04SLG-E1-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP15P04SLG
SWITCHING
P-CHANNEL POWER MOSFET
DATA SHEET
Document No. D19077EJ2V0DS00 (2nd edition)
Date Published March 2008 NS
Printed in Japan
2007
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The NP15P04SLG is P-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP15P04SLG-E1-AY
Note
NP15P04SLG-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK)
Note Pb-free (This product does not contain Pb in external electrode.)
FEATURES
• Super low on-state resistance
RDS(on)1 = 40 m
Ω MAX. (VGS = −10 V, ID = −7.5 A)
RDS(on)2 = 60 m
Ω MAX. (VGS = −4.5 V, ID = −7.5 A)
• Low input capacitance
Ciss = 1100 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
m15
A
Drain Current (pulse)
Note1
ID(pulse)
m45
A
Total Power Dissipation (TC = 25
°C)
PT1
30
W
Total Power Dissipation (TA = 25
°C)
PT2
1.2
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Current
Note2
IAS
16
A
Single Avalanche Energy
Note2
EAS
25
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = −20 V, RG = 25 Ω, VGS = −20 → 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
5.0
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
125
°C/W
(TO-252)
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com