Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16335 Datasheet(PDF) 1 Page - NEC

Part # UPD16335
Description  96-Bit AC-PDP DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16335 Datasheet(HTML) 1 Page - NEC

  UPD16335 Datasheet HTML 1Page - NEC UPD16335 Datasheet HTML 2Page - NEC UPD16335 Datasheet HTML 3Page - NEC UPD16335 Datasheet HTML 4Page - NEC UPD16335 Datasheet HTML 5Page - NEC UPD16335 Datasheet HTML 6Page - NEC UPD16335 Datasheet HTML 7Page - NEC UPD16335 Datasheet HTML 8Page - NEC UPD16335 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1998
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16335
96-Bit AC-PDP DRIVER
The
µPD16335 is a high-voltage CMOS driver designed for flat display panels such as PDPs, VFDs and ELs. It
consists of a 96-bit bi-directional shift register, 96-bit latch and high-voltage CMOS driver. The logic block is designed
to operate using a 5-V power supply enabling direct connection to a gate array or a microcontroller. In addition, the
µPD16335 achieves low power dissipation by employing CMOS structure while having a high withstand voltage output
(80 V, +50/–75 mA).
FEATURES
•
Selectable by IBS pin; three 32-bit bi-directional shift register circuits configuration or six 16-bit bi-directional shift
register circuits configuration
•
Data control with transfer clock (external) and latch
•
High-speed data transfer (fmax. = 25 MHz min. at data fetch)
(fmax. = 16 MHz min. at cascade connection)
•
High withstand output voltage (80 V, +50/–75 mAMAX.)
•
5 V CMOS input interface
•
High withstand voltage CMOS structure
•
Capable of reversing all driver outputs by PC pin
ORDERING INFORMATION
Part Number
Package
µPD16335
COBNote
Note Please consult with an NEC sales representative about COB.
Document No. S12192EJ2V0DS00 (2nd edition)
Date Published May 1998 N CP(K)
Printed in Japan


Similar Part No. - UPD16335

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16335 RENESAS-UPD16335 Datasheet
200Kb / 14P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16335

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
96-Bit AC-PDP DRIVER
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
64-BIT AC-PDP DRIVER
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
96-BIT AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
96-BIT AC-PDP DRIVER
UPD16347 NEC-UPD16347 Datasheet
163Kb / 26P
192-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
96-BIT AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
40-BIT AC-PDP DRIVER
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
96-Bit AC-PDP DRIVER
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
96-Bit AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com