Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1050SLTAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART1050SLTAA
Description  TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1050SLTAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART1050SLTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1050SLTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1050SLTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1050SLTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1050SLTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Included PowerAlert UPS monitoring software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number
of additional servers over IP
UPS interface supports on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
capacity, timed inverter sutoff, activate self-test and output power control
NEMA 5-15P input plug; 8 x battery-supported NEMA 5-15R output receptacles
Front panel LEDs offer current monitoring, voltage regulation and battery charge level information
UPS ships fully assembled in full compliance with DOT regulations; no time-consuming connection of internal batteries by user required
Single-line tel/DSL or network Ethernet line surge suppression
$250,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1050
Output kVA Capacity (kVA)
1
Output Watt Capacity (Watts)
650
Power Factor
0.6
Nominal Output Voltage(s)
Supported
100V; 110V; 120V
Nominal Voltage Details
120V default (voltage selection via back panel switches)
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-13%, + 15%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
6.1A (120V), 6.6A (110V), 7.2A (100V)
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com