Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7303 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7303
Description  Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7303 Datasheet(HTML) 1 Page - International Rectifier

  IRF7303 Datasheet HTML 1Page - International Rectifier IRF7303 Datasheet HTML 2Page - International Rectifier IRF7303 Datasheet HTML 3Page - International Rectifier IRF7303 Datasheet HTML 4Page - International Rectifier IRF7303 Datasheet HTML 5Page - International Rectifier IRF7303 Datasheet HTML 6Page - International Rectifier IRF7303 Datasheet HTML 7Page - International Rectifier IRF7303 Datasheet HTML 8Page - International Rectifier IRF7303 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1239D
l Generation V Technology
l Ultra Low On-Resistance
l Dual N-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
the lowest possible on-resistance per silicon area.
This benefit, combined with the fast switching speed
and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications.
With these improvements,
multiple devices can be used in an application with
dramatically reduced board space. The package is
designed for vapor phase, infra red, or wave soldering
techniques. Power dissipation of greater than 0.8W
is possible in a typical PCB mount application.
IRF7303
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top V iew
8
1
2
3
4
5
6
7
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 10V
5.3
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.9
IDM
Pulsed Drain Current

20
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
VDSS = 30V
RDS(on) = 0.050Ω
8/25/97
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
62.5
°C/W


Similar Part No. - IRF7303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7303 IRF-IRF7303 Datasheet
113Kb / 9P
Generation V Technology
logo
Kersemi Electronic Co.,...
IRF7303 KERSEMI-IRF7303 Datasheet
780Kb / 9P
Generation V Technology
logo
Guangdong Youtai Semico...
IRF7303 UMW-IRF7303 Datasheet
446Kb / 8P
Dual N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7303 EVVOSEMI-IRF7303 Datasheet
396Kb / 8P
Dual N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
More results

Similar Description - IRF7303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com